Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS0530TB6 Arkusz danych(PDF) 1 Page - Pan Jit International Inc.

Numer części SS0530TB6
Szczegółowy opis  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANJIT [Pan Jit International Inc.]
Strona internetowa  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS0530TB6 Arkusz danych(HTML) 1 Page - Pan Jit International Inc.

  SS0530TB6_16 Datasheet HTML 1Page - Pan Jit International Inc. SS0530TB6_16 Datasheet HTML 2Page - Pan Jit International Inc. SS0530TB6_16 Datasheet HTML 3Page - Pan Jit International Inc. SS0530TB6_16 Datasheet HTML 4Page - Pan Jit International Inc. SS0530TB6_16 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
June 2,2016-REV.01
SS0530TB6
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
VOLTAGE
30 Volt
0.5 Ampere
FEATURES
• Low Switching noise
• High Frequency Rectification
• Low Leakage Current
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICALDATA
• Case: SOT-563, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Apporx. Weight: 0.0001 ounces, 0.0026 grams
• Polarity: Color band denotes cathode end
• Marking: 3B
CURRENT
ABSOLUTE MAXIMUM RATINGS (TA=25
O
C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA=25
O
C unless otherwise noted)
PARAMETER
SYMBOL
Test Condition
MIN.
TYP.
MAX.
UNITS
Reverse Breakdown Voltage
V(BR)
IR=0.2mA
30
-
-
V
Reverse Current
I R
VR=15 V
-
-
5
μA
Forward Voltage
VF
IF=0.5A
-
0.45
0.5
V
Typical Junction Capacitance
CJ
VR=0V, f=1.0MHZ
-
132
-
pF
NOTES:
1.Mounted on 48cm
2
FR-4 PCB .
PA RA M E TE R
S YM BOL
VAL UE
UNITS
Re ve r s e Vo lt a g e
V
R
30
V
P e ak Re ve r s e Vo lt a g e
V
RRM
30
V
A ver ag e Re c t if ied C ur r e nt
I
O
0.5
A
P e a k F o rwa r d S urg e C urre nt:8 .3 ms s i ng le ha lf s i ne -wa ve
s up e r i m pos ed on r a te d lo a d
I
FSM
6A
Typ i c a l Ther m a l Re s i s tanc e , J unc ti on t o A m bient
( Note 1)
R
Θ JA
62 5
OC/ W
Oper a t ing J unc ti o n Te m p e r at ur e a nd S tor a ge Te m p er atur e Ra ng e
T
J ,T STG
-5 5 to + 1 2 5
OC


Podobny numer części - SS0530TB6_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Pan Jit International I...
SS0530TB6 PANJIT-SS0530TB6 Datasheet
199Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Podobny opis - SS0530TB6_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com