Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD2S701QDSKRQ1 Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części TPD2S701QDSKRQ1
Szczegółowy opis  Automotive USB 2-Channel Data Line Short-to-VBUS and IEC ESD Protection
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPD2S701QDSKRQ1 Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button TPD2S701QDSKRQ1 Datasheet HTML 7Page - Texas Instruments TPD2S701QDSKRQ1 Datasheet HTML 8Page - Texas Instruments TPD2S701QDSKRQ1 Datasheet HTML 9Page - Texas Instruments TPD2S701QDSKRQ1 Datasheet HTML 10Page - Texas Instruments TPD2S701QDSKRQ1 Datasheet HTML 11Page - Texas Instruments TPD2S701QDSKRQ1 Datasheet HTML 12Page - Texas Instruments TPD2S701QDSKRQ1 Datasheet HTML 13Page - Texas Instruments TPD2S701QDSKRQ1 Datasheet HTML 14Page - Texas Instruments TPD2S701QDSKRQ1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Time (ms)
0
5
10
15
20
25
30
35
40
0
1
2
3
4
5
6
7
Fig1
VDr
/FLT
Time (us)
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
-0.5
-3
0.5
-1.5
1.5
0
2.5
1.5
3.5
3
4.5
4.5
5.5
6
6.5
7.5
7.5
9
8.5
10.5
9.5
12
10.5
13.5
D011
D011
VD+ V
VD+ I
D+ V
/FLT
Bias Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Fig1
Bias Voltage (V)
0
0.5
1
1.5
2
2.5
3
3.5
2
2.5
3
3.5
4
4.5
5
5.5
6
D010
D010
-40qC
25qC
85qC
125qC
Bias Voltage (V)
3
3.5
4
4.5
5
5.5
0
20
40
60
80
100
120
140
160
180
200
Fig7
Diabled
Enabled
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
0
20
40
60
80
100
120
140
160
180
200
Fig8
Disabled
Enabled
11
TPD2S701-Q1
www.ti.com
SLLSEY0 – APRIL 2017
Product Folder Links: TPD2S701-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 8. VPWR Operating Current vs Bias Voltage
Figure 9. VPWR Operating Current vs Temperature
(VPWR = 5 V)
Figure 10. VD± Leakage Current at 7 V Across Temperature
(Enabled)
Figure 11. Data Switch RON vs Bias Voltage
Figure 12. Data Switch Short-to-5 V Response Waveform
Figure 13. FLT Assertion Time During OVP


Podobny numer części - TPD2S701QDSKRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD2S703-Q1 TI1-TPD2S703-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive USB 2-Channel Data Line Short-to-Battery, Short-to-VBUS, and IEC ESD Protection
TPD2S703QDGSRQ1 TI1-TPD2S703QDGSRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive USB 2-Channel Data Line Short-to-Battery, Short-to-VBUS, and IEC ESD Protection
TPD2S703QDSKRQ1 TI1-TPD2S703QDSKRQ1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive USB 2-Channel Data Line Short-to-Battery, Short-to-VBUS, and IEC ESD Protection
More results

Podobny opis - TPD2S701QDSKRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD2S703-Q1 TI1-TPD2S703-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   Automotive USB 2-Channel Data Line Short-to-Battery, Short-to-VBUS, and IEC ESD Protection
TPD8S300 TI1-TPD8S300 Datasheet
79Kb / 4P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD6S300A TI1-TPD6S300A Datasheet
1Mb / 35P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD8S300A TI1-TPD8S300A Datasheet
1Mb / 35P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD6S300 TI1-TPD6S300 Datasheet
77Kb / 4P
[Old version datasheet]   USB Type-C Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
logo
Will Semiconductor Ltd.
WS3225C WILLSEMI-WS3225C Datasheet
773Kb / 14P
   USB TYPE-C Port Protection Switch With Short-to-VBUS Overvoltage and IEC ESD Protection
logo
Texas Instruments
TPD4S311 TI1-TPD4S311 Datasheet
9Mb / 29P
[Old version datasheet]   TPD4S311 USB Type-C??Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD4S311 TI-TPD4S311_V01 Datasheet
3Mb / 33P
[Old version datasheet]   TPD4S311, TPD4S311A USB Type-C??Port Protector: Short-to-VBUS Overvoltage and IEC ESD Protection
TPD2S300 TI1-TPD2S300 Datasheet
1Mb / 37P
[Old version datasheet]   USB Type C Short-to-VBUS and IEC ESD Protector for the CC Pins
logo
ON Semiconductor
NUF6107MN ONSEMI-NUF6107MN Datasheet
64Kb / 3P
   4 Channel Data Line EMI Filter with 2 Channel USB Filter and ESD Protection
December, 2007 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com