Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPD4E001DRSR Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części TPD4E001DRSR
Szczegółowy opis  Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TPD4E001DRSR Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TPD4E001DRSR Datasheet HTML 4Page - Texas Instruments TPD4E001DRSR Datasheet HTML 5Page - Texas Instruments TPD4E001DRSR Datasheet HTML 6Page - Texas Instruments TPD4E001DRSR Datasheet HTML 7Page - Texas Instruments TPD4E001DRSR Datasheet HTML 8Page - Texas Instruments TPD4E001DRSR Datasheet HTML 9Page - Texas Instruments TPD4E001DRSR Datasheet HTML 10Page - Texas Instruments TPD4E001DRSR Datasheet HTML 11Page - Texas Instruments TPD4E001DRSR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
IO3
IO4
GND
IO2
IO1
V
CC
8
TPD4E001
SLLS682L – JULY 2006 – REVISED MAY 2016
www.ti.com
Product Folder Links: TPD4E001
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TPD4E001 is a four-channel transient voltage suppressor (TVS) based ESD protection diode array. The
TPD4E001 is rated to dissipate ESD strikes at the maximum level specified in the IEC 61000-4-2 international
standard (Level 4). This device has a 1.5-pF IO capacitance per channel, making it ideal for use in high-speed
data IO interfaces. The ultra-low leakage current (<1 nA maximum) is suitable for precision analog
measurements in applications like glucose meters and heart rate monitors.
7.2 Functional Block Diagram
7.3 Feature Description
The TPD4E001 is a uni-directional ESD protection device with low capacitance. The device is constructed with a
central ESD clamp that features two hiding diodes per line to reduce the capacitive loading. This central ESD
clamp is also connected to VCC to provide protection for the VCC line. Each IO line is rated to dissipate ESD
strikes above the maximum level specified in the IEC 61000-4-2 level 4 international standard. The TPD4E001's
low loading capacitance makes it ideal for protection high-speed signal terminals.
7.4 Device Functional Modes
The TPD4E001 is a passive-integrated circuit that activates whenever voltages above VBR or below the lower
diodes Vforward (–0.6V) are present upon the circuit being protected. During ESD events, voltages as high as ±15
kV can be directed to ground and VCC via the internal diode network. Once the voltages on the protected lines
fall below the trigger voltage of the TPD4E001 (usually within 10's of nano-seconds) the device reverts back to a
high-impedance state.


Podobny numer części - TPD4E001DRSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD4E001DRSR TI-TPD4E001DRSR Datasheet
200Kb / 10P
[Old version datasheet]   LOW-CAPACITANCE 4-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E001DRSR TI-TPD4E001DRSR Datasheet
723Kb / 14P
[Old version datasheet]   LOW-CAPACITANCE 4-CHANNEL 짹15-kV ESD PROTECTION ARRAY FOR HIGH-SPEED DATA INTERFACES
TPD4E001DRSR TI-TPD4E001DRSR Datasheet
744Kb / 19P
[Old version datasheet]   4-CHANNEL ESD PROTECTION ARRAY WITH 1.5-pF IO CAPACITANCE
TPD4E001DRSR TI1-TPD4E001DRSR Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001DRSR TI1-TPD4E001DRSR Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
More results

Podobny opis - TPD4E001DRSR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPD4E001 TI1-TPD4E001_16 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_V02 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD4E001 TI1-TPD4E001_V01 Datasheet
1Mb / 30P
[Old version datasheet]   TPD4E001 Low-Capacitance 4-Channel ESD-Protection for High-Speed Data Interfaces
TPD2E001 TI1-TPD2E001_17 Datasheet
1Mb / 24P
[Old version datasheet]   Low-Capacitance 2-Channel ESD-Protection for High-Speed Data Interfaces
TPD3E001 TI1-TPD3E001_15 Datasheet
1Mb / 22P
[Old version datasheet]   Low-Capacitance 3-Channel ESD-Protection for High-Speed Data Interfaces
logo
Vishay Siliconix
GL05-HT3 VISHAY-GL05-HT3 Datasheet
52Kb / 3P
   Low Capacitance ESD Protection Diodes for High-Speed Data Interfaces
Rev. 3, 03-Jun-03
logo
AMAZING Microelectronic...
AZ1515-04S AMAZING-AZ1515-04S Datasheet
220Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2018/01/23
AZ9115-04S AMAZING-AZ9115-04S Datasheet
441Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2016/06/24
AZ9153-04S AMAZING-AZ9153-04S Datasheet
315Kb / 8P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2017/10/03
AZC015-04F AMAZING-AZC015-04F Datasheet
221Kb / 12P
   Low Capacitance ESD Protection Array For High Speed Data Interfaces
Revision 2011/07/30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com