Zakładka z wyszukiwarką danych komponentów |
|
CA0612ZRY5V8BN121 Arkusz danych(PDF) 7 Page - YAGEO Corporation |
|
CA0612ZRY5V8BN121 Arkusz danych(HTML) 7 Page - YAGEO Corporation |
7 / 17 page www.yageo.com Nov. 10, 2015 V.4 Surface-Mount Ceramic Multilayer Capacitors 7 17 Product specification 4C-Array NP0/X7R/Y5V 16 V to 50 V ELECTRICAL CHARACTERISTICS 4 4C C--A AR RR RA AY Y D DIIE EL LE EC CT TR RIIC C C CA AP PA AC CIIT TO OR RS S;; N NIIS SN N T TE ER RM MIIN NA AT TIIO ON NS S Unless otherwise stated all electrical values apply at an ambient temperature of 20±1 °C, an atmospheric pressure of 86 to 106 kPa, and a relative humidity of 63 to 67%. DESCRIPTION VALUE Capacitance range 10 pF to 100 nF Rated voltage NP0 50 V X7R 16 V to 50 V Y5V 0612: 25 V Capacitance tolerance NP0 ± 5%, ± 10% X7R ± 10%, ± 20% Y5V –20% to +80% Dissipation factor (D.F.) NP0 ≤ 0.1% X7R 16 V ≤ 3.5%, 25V ≤ 2.5%, 50V ≤ 2.5% 0508/12nF~100nF/16V, Df ≤5% Y5V 0508 ≤ 9%, 0612 ≤ 7% Insulation resistance after 1 minute at Ur (DC) Rins ≥ 10 GΩ or Rins × Cr ≥ 500 seconds whichever is less Maximum capacitance change as a function of temperature (temperature characteristic/coefficient): NP0 ± 30 ppm/°C X7R ± 15% Y5V +22% to –82% Operating temperature range: NP0 –55 °C to +125 °C X7R –55 °C to +125 °C Y5V –30 °C to +85 °C Table 6 |
Podobny numer części - CA0612ZRY5V8BN121 |
|
Podobny opis - CA0612ZRY5V8BN121 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |