Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSC2007IPWRG4 Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części TSC2007IPWRG4
Szczegółowy opis  1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TSC2007IPWRG4 Arkusz danych(HTML) 2 Page - Texas Instruments

  TSC2007IPWRG4 Datasheet HTML 1Page - Texas Instruments TSC2007IPWRG4 Datasheet HTML 2Page - Texas Instruments TSC2007IPWRG4 Datasheet HTML 3Page - Texas Instruments TSC2007IPWRG4 Datasheet HTML 4Page - Texas Instruments TSC2007IPWRG4 Datasheet HTML 5Page - Texas Instruments TSC2007IPWRG4 Datasheet HTML 6Page - Texas Instruments TSC2007IPWRG4 Datasheet HTML 7Page - Texas Instruments TSC2007IPWRG4 Datasheet HTML 8Page - Texas Instruments TSC2007IPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
TSC2007
SBAS405A – MARCH 2007 – REVISED MARCH 2009...................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
TYPICAL
TYPICAL
NO MISSING
INTEGRAL
GAIN
CODES
SPECIFIED
TRANSPORT
LINEARITY
ERROR
RESOLUTION
PACKAGE
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
MEDIA,
PRODUCT
(LSB)
(LSB)
(BITS)
TYPE
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
TSC2007IPW
Tube, 90
16-Pin,
5 x 6.4
PW
–40°C to +85°C
TSC2007
Tape and
TSC2007IPWR
TSSOP
Reel, 2000
TSC2007I
±1.5
0.1
11
Small Tape
12-Pin,
TSC2007IYZGT
and Reel, 250
3 x 4 Matrix,
YZG
–40°C to +85°C
TSC2007I
1.5 x 2
Tape and
TSC2007IYZGR
WCSP
Reel, 3000
(1)
For the most current package and ordering information, see the Package Option Addendum located at the end of this data sheet, or see
the TI website at www.ti.com.
Over operating free-air temperature range (unless otherwise noted).
PRAMETER
TSC2007
UNIT
Analog input X+, Y+, AUX to GND
–0.4 to VDD + 0.1
V
Voltage
Analog input X–, Y– to GND
–0.4 to VDD + 0.1
V
Voltage range
VDD/REF pin to GND
–0.3 to +5
V
Digital input voltage to GND
–0.3 to VDD + 0.3
V
Digital output voltage to GND
–0.3 to VDD + 0.3
V
Power dissipation
(TJ Max - TA)/θJA
TSSOP package
86
Thermal impedance,
θ
JA
Low-K
113
°C/W
WCSP package
High-K
62
Operating free-air temperature range, TA
–40 to +85
°C
Storage temperature range, TSTG
–65 to +150
°C
Junction temperature, TJ Max
+150
°C
Vapor phase (60 sec)
+215
°C
Lead temperature
Infrared (15 sec)
+220
°C
IEC contact discharge(2)
X+, X–, Y+, Y–
±15
kV
IEC air discharge(2)
X+, X–, Y+, Y–
±25
kV
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to
absolute-maximum rated conditions for extended periods may affect device reliability.
(2)
Test method based on IEC standard 61000-4-2. Contact Texas Instruments for test details.
2
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): TSC2007


Podobny numer części - TSC2007IPWRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
TSC2007IPWRG4 BURR-BROWN-TSC2007IPWRG4 Datasheet
713Kb / 38P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
logo
Texas Instruments
TSC2007IPWRG4 TI-TSC2007IPWRG4 Datasheet
816Kb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
More results

Podobny opis - TSC2007IPWRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TSC2007-Q1 TI1-TSC2007-Q1 Datasheet
787Kb / 39P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2007 TI-TSC2007_1 Datasheet
816Kb / 41P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Burr-Brown (TI)
TSC2007 BURR-BROWN-TSC2007 Datasheet
713Kb / 38P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with I2C Interface
TSC2004 BURR-BROWN-TSC2004 Datasheet
1Mb / 54P
   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
logo
Texas Instruments
TSC2014 TI1-TSC2014 Datasheet
435Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014_15 TI-TSC2014_15_15 Datasheet
631Kb / 7P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2014 TI1-TSC2014_14 Datasheet
643Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with I2C??Interface
TSC2008 TI-TSC2008 Datasheet
279Kb / 8P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2008 TI-TSC2008_08 Datasheet
920Kb / 37P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire Micro TOUCH SCREEN CONTROLLER with SPI?
TSC2006 TI-TSC2006 Datasheet
1Mb / 46P
[Old version datasheet]   1.2V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com