Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SB220_R2_10001 Arkusz danych(PDF) 1 Page - Pan Jit International Inc.

Numer części SB220_R2_10001
Szczegółowy opis  SCHOTTKY BARRIER RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PANJIT [Pan Jit International Inc.]
Strona internetowa  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB220_R2_10001 Arkusz danych(HTML) 1 Page - Pan Jit International Inc.

  SB220_R2_10001 Datasheet HTML 1Page - Pan Jit International Inc. SB220_R2_10001 Datasheet HTML 2Page - Pan Jit International Inc. SB220_R2_10001 Datasheet HTML 3Page - Pan Jit International Inc. SB220_R2_10001 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
April 20,2016-REV.07
SB220 SERIES
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of MIL-S-19500/228
• For use in low voltage,high frequency inverters ,free wheeling ,
and polarity protection applications.
• Lead free in compliance with EU RoHS 2011/65/EU directive
MECHANICAL DATA
• Case: DO-15 Molded plastic
• Terminals: Axial leads, solderable per MIL-STD-750,Method 2026
• Polarity: Color band denotes cathode end
• Weight: 0.014 ounces, 0.397 grams
SCHOTTKY BARRIER RECTIFIERS
VOLTAGE
20 to 60 Volt
2.0 Ampere
CURRENT
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
NOTES:
1.Pulse Test :300µsec pulse with, 1% Duty Cycle.
2.Thermal resistance junction to lead P.C. B mounted 0.375”(9.5mm) lead length.
PA RA ME TE R
S YMB OL
SB22 0
S B 23 0
S B2 40
SB 2 5 0
SB26 0
UNITS
M a xi mum Re curr ent P e ak Re ve r s e Vo lta g e
V
RRM
20
30
4 0
5 0
60
V
Ma xi mum RMS Vo lta g e
V
RM S
14
2 1
28
35
4 2
V
Ma xi mum D C B lo c k i ng Vo lta g e
V
DC
20
30
4 0
5 0
60
V
M a xi mum A ver ag e F o rwar d Re c ti fi e d C urre nt 0 .37 5" ( 9 .5 m m )
le ad le ng th ( S ee Fi g ur e 1)
I
F(AV )
2.0
A
P e ak Forwa r d Sur g e C ur rent : 8 .3ms s i ng le ha lf s i ne -wa ve
supe ri m p o s ed o n r a te d lo ad
I
FS M
50
A
M a xi mum F o rwar d Vo lta g e a t 2.0A
V
F
0 .50
0.7 0
V
M a xi mum DC Re ve r s e Curr e nt a t Ra te d DC
B locki ng Vo ltag e
T
J =2 5
O C
T
J =1 0 0
OC
I
R
0.2
20
0.1
20
mA
Typ i ca l The rm a l Re si stance (No te 2)
R
θJA
35
O C / W
Op er ati ng Junc ti o n and S to ra g Te mp er atur e Ra ng e
T
J ,T STG
-5 5 to + 1 25
- 5 5 to +1 5 0
O C


Podobny numer części - SB220_R2_10001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ABC Taiwan Electronics ...
SB2207R80ML ABC-SB2207R80ML Datasheet
441Kb / 6P
   SMD POWER INDUCTOR
More results

Podobny opis - SB220_R2_10001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com