Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UA78L05AIDR Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części UA78L05AIDR
Szczegółowy opis  Positive-Voltage Linear Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

UA78L05AIDR Arkusz danych(HTML) 4 Page - Texas Instruments

  UA78L05AIDR Datasheet HTML 1Page - Texas Instruments UA78L05AIDR Datasheet HTML 2Page - Texas Instruments UA78L05AIDR Datasheet HTML 3Page - Texas Instruments UA78L05AIDR Datasheet HTML 4Page - Texas Instruments UA78L05AIDR Datasheet HTML 5Page - Texas Instruments UA78L05AIDR Datasheet HTML 6Page - Texas Instruments UA78L05AIDR Datasheet HTML 7Page - Texas Instruments UA78L05AIDR Datasheet HTML 8Page - Texas Instruments UA78L05AIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4
UA78L02A, UA78L05, UA78L05A, UA78L06A
UA78L08A, UA78L09A, UA78L10A, UA78L12A, UA78L15A
SLVS010V – JANUARY 1976 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: UA78L02A UA78L05 UA78L05A UA78L06A UA78L08A UA78L09A UA78L10A UA78L12A
UA78L15A
Submit Documentation Feedback
Copyright © 1976–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input voltage, VI
UA78L02AC, UA78L05C, UA78L09C, and UA78L10AC
30
V
UA78L12C, UA78L12AC, UA78L15C, and UA78L15AC
35
Virtual junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD) Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
1000
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all
pins(2)
1000
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
VI
Input voltage
UA78L02AC
4.75
20
V
UA78L05C and UA78L05AC
7
20
UA78L06C and UA78L06AC
8.5
20
UA78L08C and UA78L08AC
10.5
23
UA78L09C and UA78L09AC
11.5
24
UA78L10AC
12.5
25
UA78L12C and UA78L12AC
14.5
27
UA78L15C and UA78L15AC
17.5
30
IO
Output current
100
mA
TJ
Operating virtual junction temperature
UA78L00C and UA78L00AC series
0
125
°C
UA78L05AI
–40
125
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
UA78L00
UNIT
D (SOIC)
LP (TO-92)
PK (SOT-89)
8 PINS
3 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance
115
143.6
54.7
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
60.3
74.4
88.1
°C/W
RθJB
Junction-to-board thermal resistance
55.6
9.6
°C/W
ψJT
Junction-to-top characterization parameter
16.2
24.2
6.2
°C/W
ψJB
Junction-to-board characterization parameter
55
120.9
9.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
7.7
°C/W


Podobny numer części - UA78L05AIDR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UA78L05AIDR TI-UA78L05AIDR Datasheet
366Kb / 20P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L05AIDR TI-UA78L05AIDR Datasheet
1Mb / 47P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L05AIDR TI-UA78L05AIDR Datasheet
534Kb / 21P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L05AIDR TI-UA78L05AIDR Datasheet
632Kb / 25P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L05AIDR TI-UA78L05AIDR Datasheet
658Kb / 26P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

Podobny opis - UA78L05AIDR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UA78L02A TI1-UA78L02A_18 Datasheet
1Mb / 32P
[Old version datasheet]   Positive-Voltage Linear Regulators
UA78L TI-UA78L_V01 Datasheet
1Mb / 48P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L TI-UA78L_V02 Datasheet
1Mb / 47P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L TI-UA78L Datasheet
1Mb / 49P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED APRIL 2023
logo
BCD Semiconductor Manuf...
AZ78XX BCDSEMI-AZ78XX Datasheet
138Kb / 13P
   3-TERMINAL POSITIVE LINEAR REGULATORS
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com