Zakładka z wyszukiwarką danych komponentów |
|
UA78L08ACLP Arkusz danych(PDF) 6 Page - Texas Instruments |
|
|
UA78L08ACLP Arkusz danych(HTML) 6 Page - Texas Instruments |
6 / 33 page 6 UA78L02A, UA78L05, UA78L05A, UA78L06A UA78L08A, UA78L09A, UA78L10A, UA78L12A, UA78L15A SLVS010V – JANUARY 1976 – REVISED NOVEMBER 2016 www.ti.com Product Folder Links: UA78L02A UA78L05 UA78L05A UA78L06A UA78L08A UA78L09A UA78L10A UA78L12A UA78L15A Submit Documentation Feedback Copyright © 1976–2016, Texas Instruments Incorporated (1) Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33-µF capacitor across the input and a 0.1-µF capacitor across the output. 6.7 Electrical Characteristics: UA78L06 at specified virtual junction temperature, VI = 12 V, and IO = 40 mA (unless otherwise noted) PARAMETER TEST CONDITIONS(1) MIN TYP MAX UNIT Output voltage VI = 8.5 V to 20 V, IO = 1 mA to 40 mA TJ = 25°C UA78L06C 5.7 6.2 6.7 V UA78L06AC 5.95 6.2 6.45 TJ = 0°C to 125°C UA78L06C 5.6 6.8 UA78L06AC 5.9 6.5 TJ = 0°C to 125°C, and IO = 1 mA to 70 mA UA78L06C 5.6 6.8 UA78L06AC 5.9 6.5 Input voltage regulation TJ = 25°C VI = 8.5 V to 20 V UA78L06C 35 200 mV UA78L06AC 35 175 VI = 9 V to 20 V UA78L06C 29 150 UA78L06AC 29 125 Ripple rejection TJ = 25°C, VI = 10 V to 20 V, and f = 120 Hz UA78L06C 39 48 dB UA78L06AC 40 48 Output voltage regulation TJ = 25°C IO = 1 mA to 100 mA 16 80 mV IO = 1 mA to 40 mA 9 40 Output noise voltage TJ = 25°C, and f = 10 Hz to 100 kHz 46 µV Dropout voltage TJ = 25°C 1.7 V Bias current TJ = 25°C 3.9 6 mA TJ = 125°C 5.5 Bias current change TJ = 0°C to 125°C VI = 9 V to 20 V 1.5 mA IO = 1 mA to 40 mA UA78L06C 0.2 UA78L06AC 0.1 (1) Pulse-testing techniques maintain TJ as close to TA as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.33-µF capacitor across the input and a 0.1-µF capacitor across the output. 6.8 Electrical Characteristics: UA78L08 at specified virtual junction temperature, VI = 14 V, and IO = 40 mA (unless otherwise noted) PARAMETER TEST CONDITIONS(1) MIN TYP MAX UNIT Output voltage VI = 10.5 V to 23 V, IO = 1 mA to 40 mA TJ = 25°C UA78L08C 7.36 8 8.64 V UA78L08AC 7.7 8 8.3 TJ = 0°C to 125°C UA78L08C 7.2 8.8 UA78L08AC 7.6 8.4 IO = 1 mA to 70 mA TJ = 0°C to 125°C UA78L08C 7.2 8.8 UA78L08AC 7.6 8.4 Input voltage regulation TJ = 25°C VI = 10.5 V to 23 V UA78L08C 42 200 mV UA78L08AC 42 175 VI = 11 V to 23 V UA78L08C 36 150 UA78L08AC 36 125 Ripple rejection VI = 13 V to 23 V, f = 120 Hz, and TJ = 25°C UA78L08C 36 46 dB UA78L08AC 37 46 Output voltage regulation TJ = 25°C IO = 1 mA to 100 mA 18 80 mV IO = 1 mA to 40 mA 10 40 Output noise voltage f = 10 Hz to 100 kHz, and TJ = 25°C 54 µV Dropout voltage TJ = 25°C 1.7 V Bias current TJ = 25°C 4 6 mA TJ = 125°C 5.5 |
Podobny numer części - UA78L08ACLP |
|
Podobny opis - UA78L08ACLP |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |