Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UA78L09ACLPR Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części UA78L09ACLPR
Szczegółowy opis  Positive-Voltage Linear Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

UA78L09ACLPR Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button UA78L09ACLPR Datasheet HTML 6Page - Texas Instruments UA78L09ACLPR Datasheet HTML 7Page - Texas Instruments UA78L09ACLPR Datasheet HTML 8Page - Texas Instruments UA78L09ACLPR Datasheet HTML 9Page - Texas Instruments UA78L09ACLPR Datasheet HTML 10Page - Texas Instruments UA78L09ACLPR Datasheet HTML 11Page - Texas Instruments UA78L09ACLPR Datasheet HTML 12Page - Texas Instruments UA78L09ACLPR Datasheet HTML 13Page - Texas Instruments UA78L09ACLPR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
20 kW
INPUT
OUTPUT
COMMON
1 k
to 14 k
W
W
1.4 kW
Copyright © 2016, Texas Instruments Incorporated
10
UA78L02A, UA78L05, UA78L05A, UA78L06A
UA78L08A, UA78L09A, UA78L10A, UA78L12A, UA78L15A
SLVS010V – JANUARY 1976 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: UA78L02A UA78L05 UA78L05A UA78L06A UA78L08A UA78L09A UA78L10A UA78L12A
UA78L15A
Submit Documentation Feedback
Copyright © 1976–2016, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The UA78L00 series of fixed-voltage integrated-circuit voltage regulators is designed for a wide range of
applications. Each of these regulators can deliver up to 100 mA of output current at a fixed output voltage
depending on the device variant.
7.2 Functional Block Diagram
NOTE: Resistor values shown are nominal.
7.3 Feature Description
The UA78L00 series of linear regulators are easy-to-use, fixed-output voltage regulators. The devices enable up
to 100 mA of current and feature short-circuit current limiting and thermal overload protection.
7.4 Device Functional Modes
7.4.1 Fixed-Output Mode
These devices are available in fixed-output voltages. Table 1 describes the typical output voltage provided by
each device variation.
Table 1. UA78L00 Typical Device Voltage Outputs
DEVICE
TYPICAL OUTPUT VOLTAGE (V)
UA78L02
2.6
UA78L05
5
UA78L06
6.2
UA78L08
8
UA78L09
9
UA78L10
10
UA78L12
12
UA78L15
15


Podobny numer części - UA78L09ACLPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UA78L09ACLPR TI-UA78L09ACLPR Datasheet
366Kb / 20P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L09ACLPR TI-UA78L09ACLPR Datasheet
1Mb / 47P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L09ACLPR TI-UA78L09ACLPR Datasheet
534Kb / 21P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L09ACLPR TI-UA78L09ACLPR Datasheet
632Kb / 25P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L09ACLPR TI-UA78L09ACLPR Datasheet
658Kb / 26P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

Podobny opis - UA78L09ACLPR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UA78L02A TI1-UA78L02A_18 Datasheet
1Mb / 32P
[Old version datasheet]   Positive-Voltage Linear Regulators
UA78L TI-UA78L_V01 Datasheet
1Mb / 48P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L TI-UA78L_V02 Datasheet
1Mb / 47P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L TI-UA78L Datasheet
1Mb / 49P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED APRIL 2023
logo
BCD Semiconductor Manuf...
AZ78XX BCDSEMI-AZ78XX Datasheet
138Kb / 13P
   3-TERMINAL POSITIVE LINEAR REGULATORS
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com