Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UA78L09ACPK Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części UA78L09ACPK
Szczegółowy opis  Positive-Voltage Linear Regulators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

UA78L09ACPK Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button UA78L09ACPK Datasheet HTML 7Page - Texas Instruments UA78L09ACPK Datasheet HTML 8Page - Texas Instruments UA78L09ACPK Datasheet HTML 9Page - Texas Instruments UA78L09ACPK Datasheet HTML 10Page - Texas Instruments UA78L09ACPK Datasheet HTML 11Page - Texas Instruments UA78L09ACPK Datasheet HTML 12Page - Texas Instruments UA78L09ACPK Datasheet HTML 13Page - Texas Instruments UA78L09ACPK Datasheet HTML 14Page - Texas Instruments UA78L09ACPK Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
INPUT
OUTPUT
COMMON
UA78L00
0.1 F
0.33 F
VI
VO
1N4001 or
Equivalent
Copyright © 2016, Texas Instruments Incorporated
INPUT
OUTPUT
COMMON
UA78L00
0.1 F
0.33 F
VI
VO
Copyright © 2016, Texas Instruments Incorporated
11
UA78L02A, UA78L05, UA78L05A, UA78L06A
UA78L08A, UA78L09A, UA78L10A, UA78L12A, UA78L15A
www.ti.com
SLVS010V – JANUARY 1976 – REVISED NOVEMBER 2016
Product Folder Links: UA78L02A UA78L05 UA78L05A UA78L06A UA78L08A UA78L09A UA78L10A UA78L12A
UA78L15A
Submit Documentation Feedback
Copyright © 1976–2016, Texas Instruments Incorporated
8 Applications and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The UA78L00 devices are ideal for use as linear regulators with only a few external components needed. The
UA78L00 devices can also be used to clean power supply noise by attenuating ripple on the input signal.
8.2 Typical Application
The UA78L00 devices are typically used as fixed-output linear regulators, sourcing current up to 100 mA into a
load.
Figure 5. Fixed Output Regulator
8.2.1 Design Requirements
The COMMON pin must be tied to ground to set the OUTPUT pin to the desired fixed output voltage.
Although not required, a 0.33-µF bypass capacitor is recommended on the input, and a 0.1-µF bypass capacitor
is recommend on the output.
8.2.2 Detailed Design Procedure
Occasionally, the input voltage to the regulator can collapse faster than the output voltage. For example, this can
occur when the input supply is crowbarred during an output overvoltage condition. If the output voltage is greater
than approximately 7 V, the emitter-base junction of the series-pass element (internal or external) could break
down and be damaged. To prevent this, a diode shunt can be employed as shown in Figure 6.
Figure 6. Reverse-Bias-Protection Circuit


Podobny numer części - UA78L09ACPK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UA78L09ACPK TI-UA78L09ACPK Datasheet
366Kb / 20P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L09ACPK TI-UA78L09ACPK Datasheet
1Mb / 47P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L09ACPK TI-UA78L09ACPK Datasheet
534Kb / 21P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L09ACPK TI-UA78L09ACPK Datasheet
632Kb / 25P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
UA78L09ACPK TI-UA78L09ACPK Datasheet
658Kb / 26P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
More results

Podobny opis - UA78L09ACPK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UA78L02A TI1-UA78L02A_18 Datasheet
1Mb / 32P
[Old version datasheet]   Positive-Voltage Linear Regulators
UA78L TI-UA78L_V01 Datasheet
1Mb / 48P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L TI-UA78L_V02 Datasheet
1Mb / 47P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED JUNE 2023
UA78L TI-UA78L Datasheet
1Mb / 49P
[Old version datasheet]   UA78L Series Positive-Voltage Linear Regulators
REVISED APRIL 2023
logo
BCD Semiconductor Manuf...
AZ78XX BCDSEMI-AZ78XX Datasheet
138Kb / 13P
   3-TERMINAL POSITIVE LINEAR REGULATORS
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com