Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

5V41285PGGI Arkusz danych(PDF) 10 Page - Integrated Device Technology

Numer części 5V41285PGGI
Szczegółowy opis  2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

5V41285PGGI Arkusz danych(HTML) 10 Page - Integrated Device Technology

Back Button 5V41285PGGI Datasheet HTML 6Page - Integrated Device Technology 5V41285PGGI Datasheet HTML 7Page - Integrated Device Technology 5V41285PGGI Datasheet HTML 8Page - Integrated Device Technology 5V41285PGGI Datasheet HTML 9Page - Integrated Device Technology 5V41285PGGI Datasheet HTML 10Page - Integrated Device Technology 5V41285PGGI Datasheet HTML 11Page - Integrated Device Technology 5V41285PGGI Datasheet HTML 12Page - Integrated Device Technology 5V41285PGGI Datasheet HTML 13Page - Integrated Device Technology 5V41285PGGI Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
IDT5V41285
2 OUTPUT PCIE GEN1/2 SYNTHESIZER
IDT® 2 OUTPUT PCIE GEN1/2 SYNTHESIZER
10
IDT5V41285
MAY 8, 2017
Thermal Characteristics (16-TSSOP)
Thermal Characteristics (16-VFQFPN)
Marking Diagrams
Notes:
1. Line 1 and 2: IDT part number.
2. Line 3: # – Die revision; YYWW – Date code; $–Assembly location.
3. “G” after the two-letter package code designates RoHS compliant package.
4. “I” at the end of part number indicates industrial temperature range.
5. Bottom marking: country of origin if not USA (TSSOP only).
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
JA
Still air
78
C/W
JA
1 m/s air flow
70
C/W
JA
3 m/s air flow
68
C/W
Thermal Resistance Junction to Case
JC
37
C/W
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
JA
Still air
63.2
C/W
JA
1 m/s air flow
55.9
C/W
JA
3 m/s air flow
51.4
C/W
Thermal Resistance Junction to Case
JC
65.8
C/W
1
8
9
16
IDT5V412
85PGGI
#YYWW$
XXX
YWW$
285GI


Podobny numer części - 5V41285PGGI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
5V41285PGGI RENESAS-5V41285PGGI Datasheet
467Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
5V41285PGGI8 RENESAS-5V41285PGGI8 Datasheet
467Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
More results

Podobny opis - 5V41285PGGI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
5V41065PGG IDT-5V41065PGG Datasheet
133Kb / 12P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41065 RENESAS-5V41065 Datasheet
499Kb / 19P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
IDT5V41065 IDT-IDT5V41065 Datasheet
318Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
logo
Renesas Technology Corp
5V41285 RENESAS-5V41285 Datasheet
467Kb / 18P
   2 OUTPUT PCIE GEN1/2 SYNTHESIZER
Mar 2020
logo
Integrated Device Techn...
5V41235 IDT-5V41235 Datasheet
317Kb / 18P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
logo
Renesas Technology Corp
5V41315 RENESAS-5V41315 Datasheet
750Kb / 17P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
Mar 2020
IDT5V41066 RENESAS-IDT5V41066 Datasheet
335Kb / 15P
   4 OUTPUT PCIE GEN1/2 SYNTHESIZER
112211
logo
Integrated Device Techn...
IDT5V41315 IDT-IDT5V41315 Datasheet
310Kb / 16P
   2 OUTPUT PCIE GEN1-2-3 SYNTHESIZER
logo
Renesas Technology Corp
5V41235 RENESAS-5V41235 Datasheet
496Kb / 19P
   2 OUTPUT PCIE GEN1/2/3 SYNTHESIZER
Mar 2020
IDT5V41064 RENESAS-IDT5V41064 Datasheet
354Kb / 14P
   1 OUTPUT PCIE GEN1/2 SYNTHESIZER
APRIL 17, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com