Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DS4301 Arkusz danych(PDF) 4 Page - Dallas Semiconductor

Numer części DS4301
Szczegółowy opis  Nonvolatile, 32-Position Digital Potentiometer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DALLAS [Dallas Semiconductor]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4301 Arkusz danych(HTML) 4 Page - Dallas Semiconductor

  DS4301 Datasheet HTML 1Page - Dallas Semiconductor DS4301 Datasheet HTML 2Page - Dallas Semiconductor DS4301 Datasheet HTML 3Page - Dallas Semiconductor DS4301 Datasheet HTML 4Page - Dallas Semiconductor DS4301 Datasheet HTML 5Page - Dallas Semiconductor DS4301 Datasheet HTML 6Page - Dallas Semiconductor DS4301 Datasheet HTML 7Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Nonvolatile, 32-Position Digital Potentiometer
4
_____________________________________________________________________
Typical Operating Characteristics
(VCC = 5.0V; TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT vs. VOLTAGE
VOLTAGE (V)
5
4
3
2
1
5
10
15
20
30
25
35
0
0
CS = INC = U/D = VCC
POWER-UP
POWER-DOWN
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
5
10
15
20
25
30
0
-40
85
VCC = 3V
VCC = 5V
CS = INC = U/D = VCC
W-L RESISTANCE
vs. POTENTIOMETER SETTING
POTENTIOMETER SETTING (DEC)
30
25
15
20
10
5
25
50
75
100
125
150
175
200
0
0
AT VCC = 5V AND 3V
W-L RESISTANCE vs. SUPPLY VOLTAGE
(POWER-UP)
SUPPLY VOLTAGE (V)
5
4
3
2
1
50
100
150
200
250
0
0
>1M
EEPROM RECALL
WIPER = POS 15
W-L RESISTANCE vs. SUPPLY VOLTAGE
(POWER-DOWN)
SUPPLY VOLTAGE (V)
5
4
3
2
1
50
100
150
200
250
0
0
>1M
WIPER = POS 15
WIPER RESISTANCE vs. WIPER VOLTAGE
WIPER VOLTAGE (V)
4
3
1
2
50
100
150
200
300
250
350
400
0
05
VCC = 3V
VCC = 5V
ABSOLUTE LINEARITY vs. WIPER POSITION
WIPER POSITION (DEC)
30
20
10
-0.20
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
0.25
-0.25
0
RELATIVE LINEARITY vs. WIPER POSITION
WIPER POSITION (DEC)
30
20
10
-0.20
-0.15
-0.10
-0.05
0
0.05
0.10
0.15
0.20
0.25
-0.25
0
VOLTAGE DIVIDER PERCENT CHANGE
FROM +25
°C vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
0.04
0.05
-0.05
-40
85
WIPER = POS 15
tc = 0.64ppm/
°C
WIPER = POS 7
tc = 2.72ppm/
°C
WIPER = POS 7
tc = 2.72ppm/
°C
WIPER = POS 15
tc = 1.37ppm/
°C
WIPER = POS 23
tc = 0ppm/
°C


Podobny numer części - DS4301

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
DS4301U-200 MAXIM-DS4301U-200 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
More results

Podobny opis - DS4301

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5258 AD-AD5258 Datasheet
1Mb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. 0
AD5259 AD-AD5259 Datasheet
245Kb / 14P
   Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Rev. PrJ 7/22/04
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5259 AD-AD5259_15 Datasheet
606Kb / 24P
   Nonvolatile, IC-Compatible 256-Position, Digital Potentiometer
REV. C
AD5258BRMZ1-RL7 AD-AD5258BRMZ1-RL7 Datasheet
534Kb / 24P
   Nonvolatile, I2C-Compatible 64-Position, Digital Potentiometer
REV. D
AD5258 AD-AD5258_15 Datasheet
534Kb / 24P
   Nonvolatile, IC-Compatible 64-Position, Digital Potentiometer
REV. D
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com