Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT25040ZA Arkusz danych(PDF) 2 Page - Catalyst Semiconductor

Numer części CAT25040ZA
Szczegółowy opis  1K/2K/4K SPI Serial CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CATALYST [Catalyst Semiconductor]
Strona internetowa  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT25040ZA Arkusz danych(HTML) 2 Page - Catalyst Semiconductor

  CAT25040ZA Datasheet HTML 1Page - Catalyst Semiconductor CAT25040ZA Datasheet HTML 2Page - Catalyst Semiconductor CAT25040ZA Datasheet HTML 3Page - Catalyst Semiconductor CAT25040ZA Datasheet HTML 4Page - Catalyst Semiconductor CAT25040ZA Datasheet HTML 5Page - Catalyst Semiconductor CAT25040ZA Datasheet HTML 6Page - Catalyst Semiconductor CAT25040ZA Datasheet HTML 7Page - Catalyst Semiconductor CAT25040ZA Datasheet HTML 8Page - Catalyst Semiconductor CAT25040ZA Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
CAT25010/20/40
Doc. No. 1006, Rev. L
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias ................. –55
°C to +125°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on any Pin with
Respect to VSS(1) .................. –2.0V to +VCC +2.0V
VCC with Respect to VSS ................................ –2.0V to +7.0V
Package Power Dissipation
Capability (Ta = 25
°C)................................... 1.0W
Lead Soldering Temperature (10 secs) ............ 300
°C
Output Short Circuit Current(2) ........................ 100 mA
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation
of the device at these or any other conditions outside of
those listed in the operational sections of this specifica-
tion is not implied. Exposure to any absolute maximum
rating for extended periods may affect device perfor-
mance and reliability.
RELIABILITY CHARACTERISTICS
Symbol
Parameter
Min.
Max.
Units
Reference Test Method
NEND(3)
Endurance
1,000,000
Cycles/Byte
MIL-STD-883, Test Method 1033
TDR(3)
Data Retention
100
Years
MIL-STD-883, Test Method 1008
VZAP(3)
ESD Susceptibility
2000
Volts
MIL-STD-883, Test Method 3015
ILTH(3)(4)
Latch-Up
100
mA
JEDEC Standard 17
Note:
(1) The minimum DC input voltage is –0.5V. During transitions, inputs may undershoot to –2.0V for periods of less than 20 ns. Maximum DC
voltage on output pins is VCC +0.5V, which may overshoot to VCC +2.0V for periods of less than 20 ns.
(2) Output shorted for no more than one second. No more than one output shorted at a time.
(3) This parameter is tested initially and after a design or process change that affects the parameter.
(4) Latch-up protection is provided for stresses up to 100 mA on address and data pins from –1V to VCC +1V.
(5) VIL min and VIH max are reference values only and are not tested.
(6) Maximum standby current (ISB ) = 10µA for the Automotive and Extended Automotive temperature range.
D.C. OPERATING CHARACTERISTICS
VCC = +1.8V to +6.0V, unless otherwise specified.
Limits
Symbol
Parameter
Min.
Typ.
Max.
Units
Test Conditions
ICC1
Power Supply Current
5
mA
VCC = 5V @ 5MHz
(Operating Write)
SO=open; CS=Vss
ICC2
Power Supply Current
3
mA
VCC = 5.5V
(Operating Read)
FCLK = 5MHz
ISB(6)
Power Supply Current
1
µA
CS = VCC
(Standby)
VIN = VSS or VCC
ILI
Input Leakage Current
2
µAVIN = VSS or VCC
ILO
Output Leakage Current
3
µAVOUT = 0V to VCC,
CS = 0V
VIL(5)
Input Low Voltage
-1
VCC x 0.3
V
VIH(5)
Input High Voltage
VCC x 0.7
VCC + 0.5
V
VOL1
Output Low Voltage
0.4
V
VOH1
Output High Voltage
VCC - 0.8
V
VOL2
Output Low Voltage
0.2
V
1.8V
≤VCC<2.7V
VOH2
Output High Voltage
VCC-0.2
V
IOL = 150
µA
IOH = -100
µA
2.7V
≤VCC<5.5V
IOL = 3.0mA
IOH = -1.6mA


Podobny numer części - CAT25040ZA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT25040ZA-GT3 CATALYST-CAT25040ZA-GT3 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25040ZAT3 CATALYST-CAT25040ZAT3 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
More results

Podobny opis - CAT25040ZA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01_05 Datasheet
374Kb / 15P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25020 CATALYST-CAT25020 Datasheet
556Kb / 18P
   1K/2K/4K SPI Serial CMOS EEPROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
300Kb / 12P
   1K/2K/4K-Bit SPI Serial EEPROM
logo
Asahi Kasei Microsystem...
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
AK93C45B AKM-AK93C45B Datasheet
166Kb / 14P
   1K / 2K / 4K / 8KBIT SERIAL CMOS EEPROM
AK93C45A AKM-AK93C45A Datasheet
129Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
logo
Microchip Technology
85C72 MICROCHIP-85C72 Datasheet
107Kb / 8P
   1K/2K/4K 5.0V CMOS Serial EEPROM
1995
logo
Catalyst Semiconductor
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com