Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS32 Arkusz danych(PDF) 1 Page - Nanjing International Group Co

Numer części SS32
Szczegółowy opis  3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DGNJDZ [Nanjing International Group Co]
Strona internetowa  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SS32 Arkusz danych(HTML) 1 Page - Nanjing International Group Co

  SS32 Datasheet HTML 1Page - Nanjing International Group Co SS32 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at
3.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
Operating
Storage Temperature Range TSTG
Temperature Range Tj
3.0
1
20
0.2
20
10
-65
+125
-65
+150
-65
+150
V
V
V
A
V
mA
mA
pF
C
C
C
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Ambient.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202,
method 208 guranteed
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.093 grams
SS32 THRU SS320
VOLTAGE RANGE
20 to
200 Volts
CURRENT
3.0 Ampere
UNITS
V
Typical Thermal Resistance RqJA (Note 2)
/W
S
S32
S
S34 SS36
S
S38
S
S310 SS315 SS320
20
40
60
80
100
150
200
14
2
8
42
56
70
105
140
0.55
0.70
0.85
3
20
20
40
60
80
100
150
200
Dimensions in inches and (millimeters)
* Both normal and Pb free product are available:
* Normal:80~95%Sn,5~20%Pb
* Pb free:99 Sn above can meet Rohs enviroment substance
directive request
DO-214AC
.208(5.28)
.194(4.93)
.177(4.50)
.157(3.99)
.012(0.31)
.006(0.15)
.058(1.47)
.052(1.32)
.090(2.29)
.078(1.98)
.060(1.52)
.030(0.76)
.110(2.79)
.100(2.54)
.005
(.127)
MAX.


Podobny numer części - SS32

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Orister Corporation
SS32 ORISTER-SS32 Datasheet
486Kb / 11P
   2A, 20V, 400KHz DC/DC Asynchronous Step.Down Converter
logo
HY ELECTRONIC CORP.
SS32 HY-SS32 Datasheet
412Kb / 3P
   Surface Mount Schottky Barrier Recitifiers
logo
Zowie Technology Corpor...
SS32 ZOWIE-SS32 Datasheet
53Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS32 DGNJDZ-SS32 Datasheet
258Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Yea Shin Technology Co....
SS32 YEASHIN-SS32 Datasheet
527Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Podobny opis - SS32

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bytes
SM5820B BYTES-SM5820B Datasheet
151Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM320A SECOS-SM320A Datasheet
226Kb / 2P
   3.0 AMP Surface Mount Schottky Barrier Rectifiers
SM320B SECOS-SM320B Datasheet
160Kb / 2P
   3.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SM3150C GWSEMI-SM3150C Datasheet
64Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Nanjing International G...
SS36-60V-DO-214AB DGNJDZ-SS36-60V-DO-214AB Datasheet
254Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS38F-80V-SMAF DGNJDZ-SS38F-80V-SMAF Datasheet
319Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS310A-100V-SMAF DGNJDZ-SS310A-100V-SMAF Datasheet
311Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK35.3A-DO-214AB DGNJDZ-SK35.3A-DO-214AB Datasheet
128Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS36A-60V-SMAF DGNJDZ-SS36A-60V-SMAF Datasheet
311Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS310-100V-DO-214AB DGNJDZ-SS310-100V-DO-214AB Datasheet
254Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS310F-100V-SMAF DGNJDZ-SS310F-100V-SMAF Datasheet
319Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com