Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC12DJ3200AAVT Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części ADC12DJ3200AAVT
Szczegółowy opis  6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12DJ3200AAVT Arkusz danych(HTML) 4 Page - Texas Instruments

  ADC12DJ3200AAVT Datasheet HTML 1Page - Texas Instruments ADC12DJ3200AAVT Datasheet HTML 2Page - Texas Instruments ADC12DJ3200AAVT Datasheet HTML 3Page - Texas Instruments ADC12DJ3200AAVT Datasheet HTML 4Page - Texas Instruments ADC12DJ3200AAVT Datasheet HTML 5Page - Texas Instruments ADC12DJ3200AAVT Datasheet HTML 6Page - Texas Instruments ADC12DJ3200AAVT Datasheet HTML 7Page - Texas Instruments ADC12DJ3200AAVT Datasheet HTML 8Page - Texas Instruments ADC12DJ3200AAVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 111 page
background image
4
ADC12DJ3200
SLVSD97 – MAY 2017
www.ti.com
Product Folder Links: ADC12DJ3200
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
AGND
A1, A2, A3,
A6, A7, B2,
B3, B4, B5,
B6, B7, C6,
D1, D6, E1,
E6, F2, F3,
F6, G2, G3,
G6, H1, H6,
J1, J6, L2,
L3, L4, L5,
L6, L7, M1,
M2, M3, M6,
M7
Analog supply ground. AGND and DGND should be tied to a common ground plane (GND)
on circuit board.
DGND
A12, B12,
D9, D10, F9,
F10, G9,
G10, J9, J10,
L12, M12
Digital supply ground. AGND and DGND should be tied to a common ground plane (GND)
on circuit board.
BG
C3
O
Bandgap voltage output. This pin is capable of sourcing only small currents and driving
limited capacitive loads as specified in Recommended Operating Conditions. This pin can be
left disconnected if not used.
CALSTAT
F7
O
Foreground calibration status output or device alarm output. Functionality is programmed
through CAL_STATUS_SEL. This pin can be left disconnected if not used.
CALTRIG
E7
I
Foreground calibration trigger input. This pin is only used if hardware calibration triggering is
selected in CAL_TRIG_EN, otherwise software triggering is performed using
CAL_SOFT_TRIG. This pin should be tied to GND if not used.
CLK+
F1
I
Device (sampling) clock positive input. The clock signal is strongly recommended to be AC
coupled to this input for best performance. In single channel mode, the analog input signal is
sampled on both rising and falling edges. In dual channel mode, the analog signal is
sampled on the rising edge. This differential input has an internal 100-Ω differential
termination and is self-biased to the optimal input common mode voltage as long as
DEVCLK_LVPECL_EN is set to 0.
CLK-
G1
I
Device (sampling) clock negative input. Must be AC coupled.
DA0+
E12
O
High-speed serialized-data output for channel A, lane 0, positive connection. This differential
output must be AC-coupled and must always be terminated with a 100-Ω differential
termination at the receiver. This pin can be left disconnected if not used.
DA0-
F12
O
High-speed serialized-data output for channel A, lane 0, negative connection. This pin can
be left disconnected if not used.
DA1+
C12
O
High-speed serialized-data output for channel A, lane 1, positive connection. This differential
output must be AC-coupled and must always be terminated with a 100-Ω differential
termination at the receiver. This pin can be left disconnected if not used.
DA1-
D12
O
High-speed serialized-data output for channel A, lane 1, negative connection. This pin can
be left disconnected if not used.
DA2+
A10
O
High-speed serialized-data output for channel A, lane 2, positive connection. This differential
output must be AC-coupled and must always be terminated with a 100-Ω differential
termination at the receiver. This pin can be left disconnected if not used.
DA2-
A11
O
High-speed serialized-data output for channel A, lane 2, negative connection. This pin can
be left disconnected if not used.
DA3+
A8
O
High-speed serialized-data output for channel A, lane 3, positive connection. This differential
output must be AC-coupled and must always be terminated with a 100-Ω differential
termination at the receiver. This pin can be left disconnected if not used.
DA3-
A9
O
High-speed serialized-data output for channel A, lane 3, negative connection. This pin can
be left disconnected if not used.
DA4+
E11
O
High-speed serialized-data output for channel A, lane 4, positive connection. This differential
output must be AC-coupled and must always be terminated with a 100-Ω differential
termination at the receiver. This pin can be left disconnected if not used.
DA4-
F11
O
High-speed serialized-data output for channel A, lane 4, negative connection. This pin can
be left disconnected if not used.


Podobny numer części - ADC12DJ3200AAVT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC12DJ3200AAVT TI1-ADC12DJ3200AAVT Datasheet
3Mb / 155P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200AAVT TI1-ADC12DJ3200AAVT Datasheet
3Mb / 155P
[Old version datasheet]   ADC12DJ3200 6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
More results

Podobny opis - ADC12DJ3200AAVT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_19 Datasheet
3Mb / 155P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_V01 Datasheet
3Mb / 155P
[Old version datasheet]   ADC12DJ3200 6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC08DJ3200 TI1-ADC08DJ3200 Datasheet
2Mb / 127P
[Old version datasheet]   6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 8-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI-ADC12DJ3200QML-SP_V02 Datasheet
2Mb / 153P
[Old version datasheet]   ADC12DJ3200QML-SP 6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP_V01 Datasheet
1Mb / 149P
[Old version datasheet]   ADC12DJ3200QML-SP 6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DL3200 TI1-ADC12DL3200 Datasheet
1Mb / 122P
[Old version datasheet]   6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 12-Bit Analog-to-Digital Converter (ADC) With LVDS Interface
ADC12DJ5200RF TI1-ADC12DJ5200RF Datasheet
1Mb / 144P
[Old version datasheet]   10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ2700 TI1-ADC12DJ2700 Datasheet
2Mb / 146P
[Old version datasheet]   5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DL3200 TI1-ADC12DL3200_V01 Datasheet
2Mb / 142P
[Old version datasheet]   ADC12DL3200 6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 12-Bit Analog-to-Digital Converter (ADC) With LVDS Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com