Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

NTE1006 Arkusz danych(PDF) 1 Page - NTE Electronics

Numer części NTE1006
Szczegółowy opis  Integrated Circuit FM Multiplex Stereo Demodulator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1006 Arkusz danych(HTML) 1 Page - NTE Electronics

  NTE1006 Datasheet HTML 1Page - NTE Electronics NTE1006 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1006
Integrated Circuit
FM Multiplex Stereo Demodulator
Description:
The NTE1006 is an integrated circuit in a 14–Lead DIP type package designed for use as an FM multi-
plex stereo demodulator. This device includes all the fundamental functions including a composite
amp, doubler, decoder, separation controller, and lamp driver.
Features:
D Suitable for Low Level Input
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Maximum Supply Voltage (V1–7, V6–7), VCCmax
20V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lamp Driving Current, IL
40mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Allowable Power Dissipation (TA ≤ +80°C), PDmax
370mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +80°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Recommended Operating Condition: (TA = +25°C)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Recommended Supply Voltage
VCC
4
12
V
Electrical Characteristics: (TA = +25°C, VCC = 6V, RL = 3.3kΩ, Input = 100mV, f = 1kHz,
L+R = 90%, Pilot = 10% unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max Unit
Quiescent Current
ICCO
7.0
10.5
mA
Input Resistance
ri
20
k
Channel Separation
Sep
30
45
dB
Total Harmonic Distortion (L+R)
THD
0.3
1.0
%
Lamp On Input Voltage
vi
50
70
100
mV
Output Voltage
vO
71
100
136
mV
Channel Balance
0.2
2.0
dB
SCA Rejection
L+R = 80%, Pilot = 10%, SCA = 10%
55
dB


Html Pages

1  2 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn