Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4762A Arkusz danych(PDF) 2 Page - Central Semiconductor Corp

Numer części 1N4762A
Szczegółowy opis  Custom bar coding for shipments
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CENTRAL [Central Semiconductor Corp]
Strona internetowa  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

1N4762A Arkusz danych(HTML) 2 Page - Central Semiconductor Corp

  1N4762A Datasheet HTML 1Page - Central Semiconductor Corp 1N4762A Datasheet HTML 2Page - Central Semiconductor Corp 1N4762A Datasheet HTML 3Page - Central Semiconductor Corp 1N4762A Datasheet HTML 4Page - Central Semiconductor Corp 1N4762A Datasheet HTML 5Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1N4728A THRU 1N4764A
SILICON ZENER DIODES
1.0 WATT, 3.3 THRU 100 VOLT
5% TOLERANCE
DO-41 CASE - MECHANICAL OUTLINE
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C) VF=1.2V MAX @ IF=200mA (for all types)
TYPE
ZENER
VOLTAGE
VZ @ IZT
TEST
CURRENT
MAXIMUM
ZENER IMPEDANCE
MAXIMUM
REVERSE
CURRENT
MAXIMUM
DC
CURRENT
MAXIMUM
TEMPERATURE
COEFFICIENT
@ IZT
MIN
NOM
MAX
IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM
ΘVZ
V
V
V
mA
Ω
Ω
mA
μA
V
mA
% / °C
1N4751A
28.50
30
31.50
8.5
40
1.0K
0.25
5.0
22.8
150
+0.06 to +0.095
1N4752A
31.35
33
34.65
7.5
45
1.0K
0.25
5.0
25.1
135
+0.06 to +0.095
1N4753A
34.20
36
37.80
7.0
50
1.0K
0.25
5.0
27.4
125
+0.06 to +0.095
1N4754A
37.05
39
40.95
6.5
60
1.0K
0.25
5.0
29.7
115
+0.06 to +0.095
1N4755A
40.85
43
45.15
6.0
70
1.5K
0.25
5.0
32.7
110
+0.06 to +0.095
1N4756A
44.65
47
49.35
5.5
80
1.5K
0.25
5.0
35.8
95
+0.06 to +0.095
1N4757A
48.45
51
53.55
5.0
95
1.5K
0.25
5.0
38.8
90
+0.06 to +0.095
1N4758A
53.20
56
58.80
4.5
110
2.0K
0.25
5.0
42.6
80
+0.06 to +0.095
1N4759A
58.90
62
65.10
4.0
125
2.0K
0.25
5.0
47.1
70
+0.06 to +0.095
1N4760A
64.60
68
71.40
3.7
150
2.0K
0.25
5.0
51.7
65
+0.06 to +0.095
1N4761A
71.25
75
78.75
3.3
175
2.0K
0.25
5.0
56.0
60
+0.06 to +0.095
1N4762A
77.90
82
86.10
3.0
200
3.0K
0.25
5.0
62.2
55
+0.06 to +0.095
1N4763A
86.45
91
95.55
2.8
250
3.0K
0.25
5.0
69.2
50
+0.06 to +0.095
1N4764A
95.00
100
105.0
2.5
350
3.0K
0.25
5.0
76.0
45
+0.06 to +0.095
R2
www.centr a lsemi.com
R2 (14-October 2013)


Podobny numer części - 1N4762A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transys Electronics
1N4762A TRSYS-1N4762A Datasheet
348Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Microsemi Corporation
1N4762A MICROSEMI-1N4762A Datasheet
178Kb / 3P
   Silicon 1 Watt Zener Diodes
logo
Taiwan Semiconductor Co...
1N4762A TSC-1N4762A Datasheet
626Kb / 5P
   1.0 Watts Glass Passivated Junction Silicon Zener Diode
logo
Won-Top Electronics
1N4762A WTE-1N4762A Datasheet
44Kb / 4P
   1.0W ZENER DIODE
logo
Vishay Siliconix
1N4762A VISHAY-1N4762A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
More results

Podobny opis - 1N4762A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
1N4148 CENTRAL-1N4148 Datasheet
752Kb / 7P
   Custom bar coding for shipments
logo
HARTING Technology Grou...
09-21-000-9971 HARTING-09-21-000-9971 Datasheet
485Kb / 1P
   Han D-AV MK Coding Bar 88pcs. 5x10mm
2021-10-01
logo
Grayhill, Inc
61A32-060 GRAYHILL-61A32-060 Datasheet
432Kb / 2P
   Absolute Position Sensing 3, 4, or 5-Bit Custom Output Coding
logo
Keysight Technologies
N7608B KEYSIGHT-N7608B Datasheet
1Mb / 8P
   Signal Studio for Custom Modulation
logo
Pepperl+Fuchs Inc.
H-CP PF-H-CP Datasheet
408Kb / 1P
   Coding Pins
logo
List of Unclassifed Man...
IR2E16 ETC-IR2E16 Datasheet
81Kb / 3P
   LED for Bar Graphic Display
logo
ON Semiconductor
ASM3P2854C ONSEMI-ASM3P2854C Datasheet
159Kb / 8P
   Custom Clock Generator for Fax System
MARCH 2010 ??Rev. 1
logo
PulseCore Semiconductor
PCS3P7100A PULSECORE-PCS3P7100A_1 Datasheet
386Kb / 9P
   Custom Clock Generator for Display Systems
ASM3P2854B PULSECORE-ASM3P2854B Datasheet
389Kb / 8P
   Custom Clock Generator for Fax System
logo
ON Semiconductor
PCS3P7100A ONSEMI-PCS3P7100A Datasheet
198Kb / 8P
   Custom Clock Generator for Display Systems
JANUARY 2010 ??Rev. 1
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com