Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS54L-5A-40V-DO-214AA Arkusz danych(PDF) 2 Page - Nanjing International Group Co

Numer części SS54L-5A-40V-DO-214AA
Szczegółowy opis  5.0 AMP SMD LOW VF SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DGNJDZ [Nanjing International Group Co]
Strona internetowa  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SS54L-5A-40V-DO-214AA Arkusz danych(HTML) 2 Page - Nanjing International Group Co

  SS54L-5A-40V-DO-214AA Datasheet HTML 1Page - Nanjing International Group Co SS54L-5A-40V-DO-214AA Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (S
S54L THRU S510L)
FIG.2-TYPICAL FORWARD
CHARACTERISTICS
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.3-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.4-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
1.0
2.0
3.0
4.0
5.0
6.0
0
20
40
60
80
100
120
140
160
180
200
1000
1200
1400
800
600
400
200
0
.01
.05
.1
.5
1
5
10
50
100
.1
.
2
.
4
.
6
.
8
1.
0 1.2 1.4
5.0
AMBIENT TEMPERATURE ( C)
.1
1.0
10
100
FIG.5 - TYPICAL REVERSE
CHARACTERISTICS
PERCENTAGE RATED PEAK REVERSE VOLTAGE
0
20
40
60
80
100 120 140
.01
Tj=75 C
Tj=25 C
Tj=25 C
100
50
0
150
250
200
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method


Podobny numer części - SS54L-5A-40V-DO-214AA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Luguang Electr...
SS54L LUGUANG-SS54L Datasheet
167Kb / 2P
   Surface Mount Schottky Barrier Rectifiers
logo
Guangdong Juxing Electr...
SS54L JUXING-SS54L Datasheet
1Mb / 2P
   Surface Mount Low VF Schottky Rectifiers
SS54L JUXING-SS54L Datasheet
1Mb / 2P
   Surface Mount Low VF Schottky Rectifiers
logo
Bytesonic Electronics C...
SS54L BYTESONIC-SS54L Datasheet
363Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Chongqing Pingwei Enter...
SS54L CHONGQING-SS54L Datasheet
177Kb / 1P
   5.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results

Podobny opis - SS54L-5A-40V-DO-214AA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nanjing International G...
SS510L-5A-100V-DO-214AA DGNJDZ-SS510L-5A-100V-DO-214AA Datasheet
305Kb / 2P
   5.0 AMP SMD LOW VF SCHOTTKY BARRIER RECTIFIERS
SS56L-5A-60V-DO-214AA DGNJDZ-SS56L-5A-60V-DO-214AA Datasheet
305Kb / 2P
   5.0 AMP SMD LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SK54BL SECOS-SK54BL Datasheet
140Kb / 2P
   Low Vf low ir 5.0 Amp Surface Mount Schottky Barrier Rectifiers
logo
Comchip Technology
CDBMTS140L-HF COMCHIP-CDBMTS140L-HF Datasheet
72Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBA120L-HF COMCHIP-CDBA120L-HF Datasheet
100Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
CDBA220L-HF COMCHIP-CDBA220L-HF Datasheet
95Kb / 4P
   Low VF SMD Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM5150C SECOS-SM5150C Datasheet
147Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
logo
Goodwork Semiconductor ...
SR520 GWSEMI-SR520 Datasheet
65Kb / 2P
   5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM5150C SECOS-SM5150C_15 Datasheet
207Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
SP5100S SECOS-SP5100S_15 Datasheet
239Kb / 2P
   5.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com