Zakładka z wyszukiwarką danych komponentów |
|
SS56L-5A-60V-DO-214AA Arkusz danych(PDF) 1 Page - Nanjing International Group Co |
|
SS56L-5A-60V-DO-214AA Arkusz danych(HTML) 1 Page - Nanjing International Group Co |
1 / 2 page 5.0 AMP SMD LOW VF SCHOTTKY BARRIER RECTIFIERS MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating 25 C ambient temperature uniess otherwies specified. Single phase half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. TYPE NUMBER Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 1 FEATURES MECHANICAL DATA Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 5.0A Maximum DC Reverse Current Ta=25 C at Rated DC Blocking Voltage Ta=100 C Typical Junction Capacitance (Note1) Operating Storage Temperature Range TSTG Temperature Range Tj 5.0 150 0.1 10 10 -65 +150 -65 +150 V V V A V mA mA pF C C C NOTES: 1. Measured at 1MHz and applied reverse voltage of 4.0V D.C. 2. Thermal Resistance Junction to Ambient. * Low forward voltage drop * High current capability * High reliability * High surge current capability * Epitaxial construction * Case: Molded plastic * Epoxy: UL 94V-0 rate flame retardant * Lead: Axial leads, solderable per MIL-STD-202, method 208 guranteed * Polarity: Color band denotes cathode end * Mounting position: Any * Weight: 0.093 grams SS54L THRU SS510L VOLTAGE RANGE 40 to100 Volts CURRENT 5.0 Ampere UNITS V Typical Thermal Resistance RqJA (Note 2) /W S S54L S S56L S S510L 40 60 100 2 8 42 70 0. 45 0. 55 0.65 380 40 60 100 Dimensions in inches and (millimeters) * Both normal and Pb free product are available: * Normal:80~95%Sn,5~20%Pb * Pb free:99 Sn above can meet Rohs enviroment substance directive request DO-214AA(SMB) .220(5.59) .200(5.08) .185(4.70) .160(4.06) .012(0.31) .006(0.15) .083(2.11) .075(1.91) .111(2.84) .091(2.33) .050(1.27) .030(0.76) .155(3.94) .130(3.30) .008 (.203) MAX. |
Podobny numer części - SS56L-5A-60V-DO-214AA |
|
Podobny opis - SS56L-5A-60V-DO-214AA |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |