Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP464AIRGTR Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części TMP464AIRGTR
Szczegółowy opis  High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TMP464AIRGTR Arkusz danych(HTML) 3 Page - Texas Instruments

  TMP464AIRGTR Datasheet HTML 1Page - Texas Instruments TMP464AIRGTR Datasheet HTML 2Page - Texas Instruments TMP464AIRGTR Datasheet HTML 3Page - Texas Instruments TMP464AIRGTR Datasheet HTML 4Page - Texas Instruments TMP464AIRGTR Datasheet HTML 5Page - Texas Instruments TMP464AIRGTR Datasheet HTML 6Page - Texas Instruments TMP464AIRGTR Datasheet HTML 7Page - Texas Instruments TMP464AIRGTR Datasheet HTML 8Page - Texas Instruments TMP464AIRGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
1
NC
12
SDA
2
NC
11
THERM2
3
D4+
10
THERM
4
D3+
9
ADD
Not to scale
Thermal Pad
3
TMP464
www.ti.com
SBOS835 – MAY 2017
Product Folder Links: TMP464
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
TMP464 RGT Package
16-Pin VQFN With Exposed Thermal Pad
Top View
NC - No internal connection
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
ADD
9
Digital Input
Address select. Connect to GND, V+, SDA, or SCL.
D1+
6
Analog input
Positive connection to remote temperature sensors. A total of 4 remote channels are
supported. An unused channel must be connected to D–.
D2+
5
Analog input
Positive connection to remote temperature sensors. A total of 4 remote channels are
supported. An unused channel must be connected to D–.
D3+
4
Analog input
Positive connection to remote temperature sensors. A total of 4 remote channels are
supported. An unused channel must be connected to D–.
D4+
3
Analog input
Positive connection to remote temperature sensors. A total of 4 remote channels are
supported. An unused channel must be connected to D–.
D–
7
Analog input
Negative connection to remote temperature sensors. Common for 4 remote channels.
GND
8
Ground
Supply ground connection
NC
1, 2, 15, 16
No connection, may be left floating or connected to GND or V+
SCL
13
Digital input
Serial clock line for I2C or SMBus compatible two-wire interface.
Input; requires a pullup resistor to a voltage between 1.7 V and 3.6 V (not necessarily V+) if
driven by an open-drain output.
SDA
12
Bidirectional digital
input-output
Serial data line for I2C- or SMBus compatible two-wire interface. Open-drain; requires a pullup
resistor to a voltage between 1.7 V and 3.6 V, not necessarily V+.
THERM
10
Digital output
Thermal shutdown or fan-control pin.
Active low; open-drain; requires a pullup resistor to a voltage between 1.7 V and 3.6 V, not
necessarily V+. If this pin is not used it may be left open or grounded.
THERM2
11
Digital output
Second THERM output.
Active low; open-drain; requires a pullup resistor to a voltage between 1.7 V and 3.6 V, not
necessarily V+. If this pin is not used it may be left open or grounded.
V+
14
Power supply
Positive supply voltage, 1.7 V to 3.6 V; requires 0.1-µF bypass capacitor to ground.


Podobny numer części - TMP464AIRGTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP461 TI1-TMP461 Datasheet
1Mb / 35P
[Old version datasheet]   High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP461 TI1-TMP461 Datasheet
115Kb / 5P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461 TI1-TMP461 Datasheet
528Kb / 34P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461 TI1-TMP461 Datasheet
1Mb / 35P
[Old version datasheet]   TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP461-SP TI1-TMP461-SP Datasheet
115Kb / 5P
[Old version datasheet]   Radiation Hardened Remote and Local Digital Temperature Sensor
More results

Podobny opis - TMP464AIRGTR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP468 TI1-TMP468 Datasheet
743Kb / 40P
[Old version datasheet]   9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
TMP468 TI1-TMP468_17 Datasheet
905Kb / 43P
[Old version datasheet]   9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
TMP9R00-SP TI-TMP9R00-SP Datasheet
1Mb / 38P
[Old version datasheet]   TMP9R00-SP 9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
DECEMBER 2021
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   Remote and Local Temperature Sensor
TMP461 TI1-TMP461_16 Datasheet
1Mb / 35P
[Old version datasheet]   High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
   Digital Remote and Local Temperature Sensor
logo
Texas Instruments
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP421 TI1-TMP421_12 Datasheet
904Kb / 34P
[Old version datasheet]   짹1째C Remote and Local TEMPERATURE SENSOR
TMP4718 TI-TMP4718 Datasheet
1Mb / 50P
[Old version datasheet]   TMP4718 High-Accuracy Remote and Local Temperature Sensor with Pin- Programmable Alert Thresholds
MAY 2023
TMP461 TI1-TMP461_V01 Datasheet
1Mb / 35P
[Old version datasheet]   TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com