Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74FCT540T Arkusz danych(PDF) 6 Page - Integrated Device Technology

Numer części 74FCT540T
Szczegółowy opis  FAST CMOS OCTAL BUFFER/LINE DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT540T Arkusz danych(HTML) 6 Page - Integrated Device Technology

  74FCT540T Datasheet HTML 1Page - Integrated Device Technology 74FCT540T Datasheet HTML 2Page - Integrated Device Technology 74FCT540T Datasheet HTML 3Page - Integrated Device Technology 74FCT540T Datasheet HTML 4Page - Integrated Device Technology 74FCT540T Datasheet HTML 5Page - Integrated Device Technology 74FCT540T Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
6
IDT74FCT540AT/CT
FASTCMOSOCTALBUFFER/LINEDRIVER
ORDERING INFORMATION
XX
Temperature
Range
FCT
XX
Package
XXXX
Device
Type
SO
Q
Small Outline IC (PSG20)
Quarter-size Small Outline Package (PCG20)
−40°C to +85°C
74
Tube
Tape and Reel
X
Blank
8
X
G
Green
540AT
540CT
Fast CMOS Octal Buffer/Line Driver
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
6024 Silver Creek Valley Road
800-345-7015 or 408-284-8200
logichelp@idt.com
San Jose, CA 95138
fax: 408-284-2775
www.idt.com
Datasheet Document History
10/10/2009
Pg. 6
Updated the ordering information by removing the "IDT" notation and non RoHS part.
11/28/2016
Pg. 1,2,6
Updated datasheet obsolete SSOP package and added Tube, Tape and Reel.


Podobny numer części - 74FCT540T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
74FCT540 IDT-74FCT540 Datasheet
96Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
Renesas Technology Corp
74FCT540AT RENESAS-74FCT540AT Datasheet
161Kb / 7P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
Feb.11.20
74FCT540ATQG RENESAS-74FCT540ATQG Datasheet
161Kb / 7P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
Feb.11.20
74FCT540ATQG8 RENESAS-74FCT540ATQG8 Datasheet
161Kb / 7P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
Feb.11.20
74FCT540ATSOG RENESAS-74FCT540ATSOG Datasheet
161Kb / 7P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
Feb.11.20
More results

Podobny opis - 74FCT540T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT240 IDT-IDT74FCT240 Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2240AT IDT-IDT74FCT2240AT Datasheet
65Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT_16 Datasheet
80Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540 IDT-74FCT540 Datasheet
96Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT Datasheet
69Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
List of Unclassifed Man...
74FCT244T ETC2-74FCT244T Datasheet
318Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
logo
Integrated Device Techn...
IDT54FCT244 IDT-IDT54FCT244 Datasheet
128Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com