Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST6G3244MEBJR Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części ST6G3244MEBJR
Szczegółowy opis  Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and 짹15 kV ESD protection
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3244MEBJR Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button ST6G3244MEBJR Datasheet HTML 4Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 5Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 6Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 7Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 8Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 9Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 10Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 11Page - STMicroelectronics ST6G3244MEBJR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Functional description
ST6G3244ME
8/27
Doc ID 022157 Rev 2
Figure 2.
Block diagram
EN
VCCA
VCCA
REN
500 kΩ
VCCB
A
VBAT
REF
TSD
UVLO
15 kV
VCCB OUT
CMD.dir
CMD.h
CMDB
VCCB
15 kΩ
R9
15 kV
CLK.h
CLKB
15 kV
CLK-f
VCCA
DAT0.dir
DAT0.h
DAT0B
VCCB
70 kΩ
R10
15 kV
DAT123.dir
DAT1.h
DAT1B
VCCB
70 kΩ
R11
15 kV
DAT2.h
DAT2B
VCCB
70 kΩ
R12
15 kV
DAT3.h
DAT3B
470 kΩ
R7
15 kV
VCCA
100 kΩ
R14
WP
VCCA
100 kΩ
R13
CD
15 kV
15 kV
GND
LDO
EMI
filters
Level translator
SEL
RSEL
500 kΩ
RPD
130 Ω
VCCB
2 kV
2 kV
2 kV
2 kV
2 kV
2 kV
2 kV
2 kV
2 kV
2 kV
2 kV
2 kV
2 kV
2 kV
R, C
AM04956v2


Podobny numer części - ST6G3244MEBJR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST6G3240 STMICROELECTRONICS-ST6G3240 Datasheet
559Kb / 29P
   Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
ST6G3240TBR STMICROELECTRONICS-ST6G3240TBR Datasheet
559Kb / 29P
   Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
More results

Podobny opis - ST6G3244MEBJR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
NVT4858 NXP-NVT4858_V01 Datasheet
639Kb / 34P
   SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.2 - 21 September 2022
NVT4858 NXP-NVT4858 Datasheet
455Kb / 26P
   SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 1.0-21 April 2021
NVT4858 NXP-NVT4858_V02 Datasheet
638Kb / 33P
   SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.3 - 8 May 2023
logo
STMicroelectronics
ST6G3240 STMICROELECTRONICS-ST6G3240 Datasheet
559Kb / 29P
   Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
EMIF06-USD05F3 STMICROELECTRONICS-EMIF06-USD05F3 Datasheet
337Kb / 8P
   6-line EMI filter and ESD protection for SD card, mini-SD card and micro-SD card interfaces
April 2014 Rev 1
EMIF06-MSD01F2 STMICROELECTRONICS-EMIF06-MSD01F2 Datasheet
190Kb / 7P
   IPAD??Mini and micro SD Card - EMI filtering and 25 kV ESD protection
EMIF06-MSD02C3 STMICROELECTRONICS-EMIF06-MSD02C3 Datasheet
613Kb / 11P
   Mini and micro-SD card IPAD??EMI filtering and ESD protection
logo
Infineon Technologies A...
BGF117 INFINEON-BGF117 Datasheet
721Kb / 8P
   High-Speed Mini-/Micro-SD Card ESD Protection and EMI Filter
V2.0, January 2010
logo
Fairchild Semiconductor
FSSD06 FAIRCHILD-FSSD06 Datasheet
184Kb / 2P
   SD/SDIO and MMC Two-Port Multiplexer
logo
STMicroelectronics
ST6G3238E STMICROELECTRONICS-ST6G3238E Datasheet
224Kb / 17P
   Dual Supply Level Translator for SD/ MINISD/ T-FLASH With 짹8KV Contact Discharge ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com