Zakładka z wyszukiwarką danych komponentów |
|
SD1020CS_S2_00001 Arkusz danych(PDF) 1 Page - Pan Jit International Inc. |
|
SD1020CS_S2_00001 Arkusz danych(HTML) 1 Page - Pan Jit International Inc. |
1 / 5 page PAGE . 1 May 12,2016REV.06 SD1020CS~SD1060CS SCHOTTKY BARRIER RECTIFIERS VOLTAGE 20 to 60 Volt CURRENT 10 Ampere MECHANICAL DATA • Case: TO-252 molded plastic • Terminals: Solder plated, solderable per MIL-STD-750,Method 2026 • Polarity: As marking • Weight: 0.0104 ounces, 0.297 grams. • Marking: Part number MAXIMUM RATINGSANDDELECTRICALCHARACTERISTICS Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% NOTES: 1. Both Bonding and Chip structure are available. FEATURES • Plastic package has Underwriters Laboratory Flammability Classification 94V-O • Low power loss, High efficiency • High surge capacity • For use in low voltage high frequency inverters, free wheeling, and polarity protection applications • Lead free in compliance with EU RoHS 2011/65/EU directive • Green molding compound as per IEC61249 Std. . (Halogen Free) PA RAM ET E R SY M B O L SD10 20 CS S D1 03 0CS SD10 40 CS SD1 05 0CS SD10 60 CS UNI T S M a xi mum Re cur r e nt Peak Re ve r s e Vo l t age V RR M 20 30 40 50 60 V M a xi mum RM S Vo l t a g e V RM S 14 21 28 35 42 V M a xi mum DC B l o c k i ng Vo l t a g e V DC 20 30 40 50 60 V M a xi mum Aver age For w ar d Re ct if ied Cur r e nt at T C =7 5 O CI F(AV ) 10 A Peak For w ar d Sur ge Cur r e nt : 8. 3ms si ng l e ha l f si ne - w ave super i mposed on r a t ed l oad I FSM 100 A M a xi mum I nst ant a neous For w ar d Vo l t age at 5A per le g V F 0. 55 0. 75 V M a xi mum DC Reve r s e Cur r e nt at Rat ed DC Bl ock ing Vo l t age T J =2 5 O C T J = 100 O C I R 0. 2 20 0. 1 20 mA Ty pi cal Ther ma l Re si st ance R θJC R θJA 5 80 O C / W O per at i ng Junc t i on Te mper at ur e Ra ng e T J - 55 t o + 125 - 55 t o + 150 O C St or age Te mper at ur e Ra ng e T STG - 55 t o + 150 O C |
Podobny numer części - SD1020CS_S2_00001 |
|
Podobny opis - SD1020CS_S2_00001 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |