Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74SSTV16859 Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74SSTV16859
Szczegółowy opis  13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74SSTV16859 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button SN74SSTV16859 Datasheet HTML 2Page - Texas Instruments SN74SSTV16859 Datasheet HTML 3Page - Texas Instruments SN74SSTV16859 Datasheet HTML 4Page - Texas Instruments SN74SSTV16859 Datasheet HTML 5Page - Texas Instruments SN74SSTV16859 Datasheet HTML 6Page - Texas Instruments SN74SSTV16859 Datasheet HTML 7Page - Texas Instruments SN74SSTV16859 Datasheet HTML 8Page - Texas Instruments SN74SSTV16859 Datasheet HTML 9Page - Texas Instruments SN74SSTV16859 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SN74SSTV16859
13BIT TO 26BIT REGISTERED BUFFER
WITH SSTL_2 INPUTS AND OUTPUTS
SCES297D − FEBRUARY 2000 − REVISED AUGUST 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
VCC/2
VOLTAGE AND CURRENT WAVEFORMS
INPUTS ACTIVE AND INACTIVE TIMES
NOTES: A. CL includes probe and jig capacitance.
B. ICC tested with clock and data inputs held at VCC or GND, and IO = 0 mA.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω,
input slew rate = 1 V/ns
±20% (unless otherwise noted).
D. The outputs are measured one at a time, with one transition per measurement.
E. VTT = VREF = VDDQ/2
F. VIH = VREF + 310 mV (ac voltage levels) for differential inputs. VIH = VCC for LVCMOS input.
G. VIL = VREF − 310 mV (ac voltage levels) for differential inputs. VIL = GND for LVCMOS input.
H. tPLH and tPHL are the same as tpd.
0 V
VCC
LOAD CIRCUIT
50
CL = 30 pF
(see Note A)
Test Point
VTT
From Output
Under Test
th
tsu
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
Timing
Input
VICR
VREF
Input
VIL
VIH
VREF
VI(PP)
tPHL
VOH
VOL
Output
VTT
VTT
tPLH
tPHL
VIH
VIL
VOL
VOH
LVCMOS
RESET
Input
Output
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VTT
VCC/2
VI(PP)
VICR
Timing
Input
VICR
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VCC/2
VREF
Input
VREF
tw
VOLTAGE WAVEFORMS
PULSE DURATION
VIH
VIL
LVCMOS
RESET
Input
tact
tinact
10%
90%
ICC (operating)
ICC (standby)
ICC
(see
Note B)
Figure 1. Load Circuit and Voltage Waveforms


Podobny numer części - SN74SSTV16859

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74SSTV16859 TI-SN74SSTV16859 Datasheet
166Kb / 10P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859DGG TI1-SN74SSTV16859DGG Datasheet
663Kb / 15P
[Old version datasheet]   3-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859DGGG4 TI1-SN74SSTV16859DGGG4 Datasheet
663Kb / 15P
[Old version datasheet]   3-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859DGGR TI-SN74SSTV16859DGGR Datasheet
166Kb / 10P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859DGGR TI1-SN74SSTV16859DGGR Datasheet
663Kb / 15P
[Old version datasheet]   3-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
More results

Podobny opis - SN74SSTV16859

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74SSTVF16859 TI1-SN74SSTVF16859_17 Datasheet
897Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859 TI1-SN74SSTVF16859_16 Datasheet
683Kb / 16P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI-SN74SSTV16859 Datasheet
166Kb / 10P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTVF16859 TI-SN74SSTVF16859 Datasheet
191Kb / 11P
[Old version datasheet]   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16859 TI1-SN74SSTV16859_16 Datasheet
663Kb / 15P
[Old version datasheet]   3-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
SN74SSTV16857 TI-SN74SSTV16857 Datasheet
156Kb / 9P
[Old version datasheet]   14-BIT REGISTERED BUFFER WITH SSTL 2 INPUTS AND OUTPUTS
logo
Integrated Device Techn...
IDT74SSTV16859 IDT-IDT74SSTV16859 Datasheet
71Kb / 6P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16859 IDT-IDT74SSTVF16859_07 Datasheet
80Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVF16859 IDT-IDT74SSTVF16859 Datasheet
78Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
IDT74SSTVN16859 IDT-IDT74SSTVN16859 Datasheet
65Kb / 7P
   13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com