Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVC1G3157DRYRG4 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części 74LVC1G3157DRYRG4
Szczegółowy opis  Single-Pole Double-Throw Analog Switch
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC1G3157DRYRG4 Arkusz danych(HTML) 1 Page - Texas Instruments

  74LVC1G3157DRYRG4 Datasheet HTML 1Page - Texas Instruments 74LVC1G3157DRYRG4 Datasheet HTML 2Page - Texas Instruments 74LVC1G3157DRYRG4 Datasheet HTML 3Page - Texas Instruments 74LVC1G3157DRYRG4 Datasheet HTML 4Page - Texas Instruments 74LVC1G3157DRYRG4 Datasheet HTML 5Page - Texas Instruments 74LVC1G3157DRYRG4 Datasheet HTML 6Page - Texas Instruments 74LVC1G3157DRYRG4 Datasheet HTML 7Page - Texas Instruments 74LVC1G3157DRYRG4 Datasheet HTML 8Page - Texas Instruments 74LVC1G3157DRYRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
B2
S
1
4
6
A
3
B1
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74LVC1G3157
SCES424L – JANUARY 2003 – REVISED MAY 2017
SN74LVC1G3157 Single-Pole Double-Throw Analog Switch
1
1 Features
1
ESD Protection Exceeds JESD 22
2000-V Human Body Model (A114-A)
1000-V Charged-Device Model (C101)
1.65-V to 5.5-V VCC Operation
Qualified For 125°C operation
Specified Break-Before-Make Switching
Rail-to-Rail Signal Handling
Operating Frequency Typically 340 MHz at Room
Temperature
High Speed, Typically 0.5 ns
(VCC = 3 V, CL = 50 pF)
Low ON-State Resistance, Typically
≉6 Ω
(VCC = 4.5 V)
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
2 Applications
Wearables and Mobile Devices
Portable Computing
Internet of Things (IoT)
Audio Signal Routing
Remote Radio Unit
Portable Medical Equipment
Surveillance
Home Automation
I2C/SPI/UART Bus Multiplexing
Wireless Charging
3 Description
This single channel single-pole double-throw (SPDT)
analog switch is designed for 1.65-V to 5.5-V VCC
operation.
The SN74LVC1G3157 device can handle both analog
and digital signals. The SN74LVC1G3157 device
permits signals with amplitudes of up to VCC (peak) to
be transmitted in either direction.
Applications
include
signal
gating,
chopping,
modulation or demodulation (modem), and signal
multiplexing for analog-to-digital and digital-to-analog
conversion systems.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74LVC1G3157
SOT-23 (DBV)
2.90 mm × 1.60 mm
SC70 (DCK)
2.00 mm × 1.25 mm
SOT (DRL)
1.60 mm × 1.20 mm
SON (DRY)
1.45 mm × 1.00 mm
DSBGA (YZP)
1.41 mm × 0.91 mm
SON (DSF)
1.00 mm × 1.00 mm
X2SON (DTB)
0.80 mm × 1.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Podobny numer części - 74LVC1G3157DRYRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74LVC1G3157DRYRG4 TI-74LVC1G3157DRYRG4 Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
74LVC1G3157DRYRG4 TI-74LVC1G3157DRYRG4 Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
74LVC1G3157DRYRG4 TI1-74LVC1G3157DRYRG4 Datasheet
1Mb / 35P
[Old version datasheet]   SN74LVC1G3157 Single-Pole Double-Throw Analog Switch
74LVC1G3157DRYRG4 TI1-74LVC1G3157DRYRG4 Datasheet
2Mb / 42P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
More results

Podobny opis - 74LVC1G3157DRYRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74LVC1G3157DSFR TI1-SN74LVC1G3157DSFR Datasheet
1Mb / 28P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1_14 Datasheet
902Kb / 21P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157 TI1-SN74LVC1G3157_18 Datasheet
2Mb / 42P
[Old version datasheet]   Single-Pole Double-Throw Analog Switch
logo
Unisonic Technologies
U74LVC3157 UTC-U74LVC3157_15 Datasheet
203Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G3157 TI-SN74LVC1G3157_07 Datasheet
932Kb / 23P
[Old version datasheet]   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1 Datasheet
404Kb / 16P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
APRIL2008
logo
Diodes Incorporated
74LVC1G3157 DIODES-74LVC1G3157 Datasheet
1Mb / 18P
   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
logo
Unisonic Technologies
U74LVC1G3157 UTC-U74LVC1G3157_15 Datasheet
208Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
U74LVC1G3157 UTC-U74LVC1G3157_17 Datasheet
153Kb / 5P
   SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
logo
Texas Instruments
SN74LVC1G3157 TI1-SN74LVC1G3157_14 Datasheet
1Mb / 30P
[Old version datasheet]   SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com