Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES3GB Arkusz danych(PDF) 1 Page - HY ELECTRONIC CORP.

Numer części ES3GB
Szczegółowy opis  SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HY [HY ELECTRONIC CORP.]
Strona internetowa  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

ES3GB Arkusz danych(HTML) 1 Page - HY ELECTRONIC CORP.

  ES3GB Datasheet HTML 1Page - HY ELECTRONIC CORP. ES3GB Datasheet HTML 2Page - HY ELECTRONIC CORP. ES3GB Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Super fast switching time for high efficiency
Low forward voltage drop and
high current capability
Low reverse leakage current
Plastic material has UL flammability
classification 94V-0
MECHANICAL DATA
Case: Molded Plastic
Polarity:Color band denotes cathode
Weight: 0.003 ounces,0.093 grams
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
ES3AB
ES3BB
ES3DB
ES3GB
ES3JB
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
V
Maximum Average Forward
Rectified Current
@TA=55 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 3.0A DC
VF
1.3
1.70
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Maximum Reverse Recovery Time(Note 1)
TRR
nS
Typical Junction Capacitance (Note2)
CJ
pF
Typical Thermal Resistance (Note3)
RθJL
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
4.The typical data above is for reference only(典型值仅供参考).
Rev. 7, 13-Mar-2017
-55 to +150
-55 to +150
μA
IR
5.0
20
35
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC
3.Thermal resistance junction to lead
NOTES: 1.Measured with IF=0.5A, IR=1A, IRR=0.25A
100
IFSM
A
Dimensions in inches and (millimeters)
I(AV)
3.0
ES3AB thru ES3JB
A
SURFACE MOUNT SUPER FAST
GLASS PASSIVATED RECTIFERS
REVERSE VOLTAGE - 50 to 600 Volts
FORWARD CURRENT - 3.0 Amperes
0.95
45
70
100
SMB
.030(0.76)
.060(1.52)
.096(2.44)
.084(2.13)
.195(4.95)
.220(5.59)
.008(.203)
.002(.051)
.160(4.06)
.185(4.70)
.130(3.30)
.155(3.94)
.083(2.11)
.075(1.91)


Podobny numer części - ES3GB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Weitron Technology
ES3GB WEITRON-ES3GB Datasheet
329Kb / 3P
   Surface Mount Super Fast Rectifiers
logo
Galaxy Semi-Conductor H...
ES3GB BILIN-ES3GB Datasheet
535Kb / 4P
   Super-Fast Rectifiers
ES3GB BILIN-ES3GB Datasheet
71Kb / 2P
   SURFACE MOUNT RECTIFIER
logo
Taiwan Semiconductor Co...
ES3GB TSC-ES3GB Datasheet
337Kb / 8P
   3A, 50V - 600V Surface Mount Super Fast Rectifier
logo
GOOD-ARK Electronics
ES3GB GOOD-ARK-ES3GB Datasheet
153Kb / 2P
   Super Fast Surface Mount Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 3.0 Amperes
More results

Podobny opis - ES3GB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Yixinwei Techn...
ES3A YIXIN-ES3A_08 Datasheet
208Kb / 2P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
logo
HY ELECTRONIC CORP.
ES1A HY-ES1A_17 Datasheet
135Kb / 3P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
ES2AA HY-ES2AA_17 Datasheet
135Kb / 3P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
ES3A HY-ES3A_17 Datasheet
156Kb / 3P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
ES3AB HY-ES3AB Datasheet
89Kb / 2P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
ES2AA HY-ES2AA Datasheet
88Kb / 2P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
ES3A HY-ES3A Datasheet
89Kb / 2P
   SURFACE MOUNT SUPER FAST GLASS PASSIVATED RECTIFERS
logo
List of Unclassifed Man...
FS3A ETC1-FS3A Datasheet
87Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFERS
logo
Leshan Radio Company
EFM107 LRC-EFM107_15 Datasheet
173Kb / 4P
   Surface Mount Glass Passivated Super Fast Rectifiers
FFMA207 LRC-FFMA207_15 Datasheet
229Kb / 9P
   Surface Mount Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com