Zakładka z wyszukiwarką danych komponentów |
|
CD4FA112J03 Arkusz danych(PDF) 2 Page - Cornell Dubilier Electronics |
|
CD4FA112J03 Arkusz danych(HTML) 2 Page - Cornell Dubilier Electronics |
2 / 3 page CDE Cornell Dubilier •1605 E. Rodney French Blvd.•New Bedford, MA 02744•Ph: (508)996-8561•Fax: (508)996-3830• www.cde.com Type CD4 High-Frequency, Mica Capacitors Typical Performance Curves Insertion Loss Over the frequency range of 100 MHz to 1 GHz the insertion loss in a balanced 50 Ω or 75 Ω sys- tem is flat ±0.2 dB. A typical test setup is below. Choosing CD4, CD16, CDV16, CD18 or CDV18 While insertion loss is flat within ±.2dB through 1 GHz, you may be able to avoid the small notch by changing the capacitor type to fit your capacitance. See table at right. TYPE Flat to Above 1 GHz CD17 470 pF max CD4 620 pF max CD16 870 pF CDV16 870 pF CD18 660 pF max CDV18 1000 pF max Insertion Loss vs. Frequency for CD17FC621JO3, 75 Ω System |
Podobny numer części - CD4FA112J03 |
|
Podobny opis - CD4FA112J03 |