Zakładka z wyszukiwarką danych komponentów |
|
MC08EA180J-F Arkusz danych(PDF) 6 Page - Cornell Dubilier Electronics |
|
MC08EA180J-F Arkusz danych(HTML) 6 Page - Cornell Dubilier Electronics |
6 / 10 page Types MC and MCN Multilayer RF Capacitors CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com 6 Specifications Marking Capacitance is within tolerance when measured as follows: 1—1000 pF @ 1 MHz >1000 pF @ 1 kHz Dissipation Factor is no more than 0.1% when measured as above at 5 Vrms or less. Example: R1 = 43 pF Base Code Base Code Value Ltr. Value Ltr. 10 A 40 d 11 B 43 R 12 C 45 e 13 D 47 S 15 E 50 f 16 F 51 T 18 G 56 U 20 H 60 m 22 J 62 V 24 K 68 W 25 a 70 n 27 L 75 X 30 M 80 t 33 N 82 Y 35 b 90 y 36 P 91 Z 39 Q Multiplier Code No. X 0.1 0 X 1 1 X 10 2 X 100 3 X 0.01 9 Voltage Capacitance Code (Color Coded) Terminal Resin Coating Glass Sn Plating Ni Electrode: Type MC Cu Electrode: Nonmagnetic Type MCN Conductive Resin Ag Electrode Mica High Q, Low ESR Construction for RF Power Applications |
Podobny numer części - MC08EA180J-F |
|
Podobny opis - MC08EA180J-F |