Zakładka z wyszukiwarką danych komponentów |
|
MC08EA200J-F Arkusz danych(PDF) 3 Page - Cornell Dubilier Electronics |
|
MC08EA200J-F Arkusz danych(HTML) 3 Page - Cornell Dubilier Electronics |
3 / 10 page CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com Types MC and MCN Multilayer RF Capacitors 3 Available Capacitance Values Case Sizes Standard Minimum Quanti- Capacitance (pF) Minimum Case Cap. Code 100 Vdc 500 Vdc 1000 Vdc Step, pF 08 0.5 to 100 0.5 to 20 N/A 0.5 12 43.5 to 100 0.5 to 100 N/A 0.5 12 101 to 430 101 to 150 N/A 1.0 12 0.5 to 50 1.0 18 241 to 820 91.5 to 470 N/A 1.0 22 821 to 1000 471 to 1000 N/A 1.0 22 1010 to 2200 1010 to 1200 50.5 to 1500 10.0 INCHES MILLIMETERS Case Case L W H I L W H I Code Type (Max.) Min./Max. (Max.) Min./Max. 08 0805 0.079 +.02 –0 0.049 +.02 –0 0.055 0.008/0.035 2.0 +0.5 –0 1.25 +0.5 –0 1.4 0.2/0.9 12 1210 0.126 +.024–.004 0.098 +.024–.004 0.079 0.012/0.043 3.2 +0.6 –0.1 2.5 +0.6 –0.1 2.0 0.3/1.1 18 1812 0.177 +.024 –.008 0.126 +.024 –.0 0.079 0.012/0.051 4.5 +0.6 –0.2 3.2 +0.6 –0 2.0 0.3/1.3 22 2220 0.224 +.016 –.012 0.197 +.016 –.012 0.079 0.012/0.051 5.7 +0.4 –0.3 5.0 +0.4 –0.3 2.0* 0.3/1.3 *.157 (4.0 mm) for 1000 V rating Part Numbering System and Ordering Information *note - MC12, 100 volt units -250 pF and above, and 500 volt units -100 pF and above 2000 pc reels **note - MC22, 1000 volt units -680 pF and above 500 pc reels MC(N) 22 F D 122 J – T F CDE Case Temperature RoHS Type Code Coefficient Voltage Capacitance Package (MC only) MC = Standard 08 = 0805 A = 100 Vdc 010 = 1 pF Blank = Bulk MCN complies (no F required) MCN = Nonmagnetic 12 = 1210 D = 500 Vdc 1R8 = 1.8 pF T = Tape & reel 18 = 1812 F = 1000 Vdc (187) = 187 pF not specific 22 = 2220 182 = 1800 pF TC Code Capacitance Range (pF) Temperature Coefficient ppm/ºC Capacitance Drift C 0.5 to 10 100 ±100 ±(0.5% +0.1 pF) E 10.5 to 30 50 ±50 ±(0.1% +0.1 pF) F 30.5 & up 25 ±25 ±(0.05% +0.1 pF) Order by complete part number, as below. For other options, write your requirement on your RFQ. Capacitor Tolerance Tol. Tolerance Capacitance Code Range B ±0.1 pF 0.5 pF to 5 pF C ±0.25 pF 0.5 pF to 100 pF D ±0.5 pF 0.5 pF to 10 pF D ±0.50% 50.5 pF to 100 pF F ±1 pF 5.5 pF to 10 pF F ±1% 25.5 pF and up G ±2% 13.0 pF and up J ±5% 10.5 pF and up Reel Packed Case Codes 08 & 12: 3,000/reel* Case Codes 18 & 22: 1,000/reel** Bulk Packed 100 per bag |
Podobny numer części - MC08EA200J-F |
|
Podobny opis - MC08EA200J-F |