Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P-U90-G3X1-1XXX Arkusz danych(PDF) 2 Page - Amphenol Corporation

Numer części P-U90-G3X1-1XXX
Szczegółowy opis  CAGE IS INTENDED FOR USE WITH THE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMPHENOL [Amphenol Corporation]
Strona internetowa  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-U90-G3X1-1XXX Arkusz danych(HTML) 2 Page - Amphenol Corporation

  P-U90-G3X1-1XXX Datasheet HTML 1Page - Amphenol Corporation P-U90-G3X1-1XXX Datasheet HTML 2Page - Amphenol Corporation P-U90-G3X1-1XXX Datasheet HTML 3Page - Amphenol Corporation P-U90-G3X1-1XXX Datasheet HTML 4Page - Amphenol Corporation P-U90-G3X1-1XXX Datasheet HTML 5Page - Amphenol Corporation P-U90-G3X1-1XXX Datasheet HTML 6Page - Amphenol Corporation P-U90-G3X1-1XXX Datasheet HTML 7Page - Amphenol Corporation P-U90-G3X1-1XXX Datasheet HTML 8Page - Amphenol Corporation P-U90-G3X1-1XXX Datasheet HTML 9Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
D
C
B
A
A
B
C
D
REF.
SCALE
SIZE
PROJECT
DWG. NO.
C
SHEET
REV.
DATE
APPROVALS
DRAWN
DESIGNED
CHECKED
QA APP'D
MATERIAL AND FINISH
1
2
3
4
5
6
7
8
8
76
54
32
1
E
F
E
F
IE APP'D
DWG APP'D
TITLE
Amphenol High Speed Interconnects
A Division of Amphenol Corp. www.amphenol-highspeed.com
DO NOT SCALE DRAWING
THIS DOCUMENT COTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE
OR USED FOR MANUFACTURING PURPOSES WITHOUT PERMISSION FROM AMPHENOL CANADA CORP.
CODE IDENT. NO.
Z.LJ
P-U90-G3X1-1XXX
A.GREEN
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILLIMETER
TOLERANCES ARE:
DECIMALS
ANGLES
.XX
.10
1
.X
.25
QSFP 1x3 CAGE
BEHIND BEZEL
PROJECT
Y
2:1
2 OF 11
WITH HEATSINK,CLIP AND LIGHT PIPE
REV - DESCRIPT - DATE - APPRVD
MAY 23/08
MAY 23/08
DEC.5,07
Y - SEE SHEET 1
ZLJ
NOTES:
MATERIAL:
1.
CAGE AND EMI SPRINGS: COPPER ALLOY
FRONT FLANGE: ZINC DIE CAST
HEAT SINK CLIP: STEEL ALLOY
PIN-FIN STYLE HEAT SINK: ALUMINUM
PIN STYLE HEAT SINK: NICKEL PLATED ALUMINUM
CAGE PLATING: 3.81m [100"] MIN. NICKEL.
LIGHT PIPE: GE LEXAN, OPTICAL GRADE
CAGE IS INTENDED FOR USE WITH THE
2.
QUAD SMALL FORM-FACTOR PLUGGABLE (QSFP)
TRANSCEIVER SPECIFICATION INF-8438i.
PART NUMBER SHOWN
U90-G351-101A
(WITH ROUND LIGHT PIPE)
DIMENSION "H1" SHOWN IN UN-PLUGED STATE
PART NUMBER
DIM. "H1"
DIM. "H2"
U90-G351-1XXX
15.03
6.50
U90-G361-1XXX
12.37
4.20
U90-G371-1XXX
22.03
13.50
U90-G3D1-1XXX
15.03
6.50
U90-G3E1-1XXX
12.37
4.20
U90-G3F1-1XXX
22.03
13.50
U90-G3K1-1XXX
18.03
9.50
13.4
59.90
53.2
7.1
2.73
4.15±0.60
BC
BC
BB
BB
SCALE 2.5 : 1
SECTION BB-BB
LATCH FEATURE FOR
HEAT SINK CLIP
4 PLACES
8.90
14.3
SECTION BC-BC
SCALE 2.5 : 1
LATCH FEATURE
FOR LIGHT PIPE
2.30
1.00
6.5 SHOWN
DIMENSION "H2"
15.03 SHOWN
DIMENSION "H1"
NOMINAL HEIGHT
IN UN-PLUGGED STATE


Podobny numer części - P-U90-G3X1-1XXX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Amphenol Corporation
P-U90-G4X1-1XXX AMPHENOL-P-U90-G4X1-1XXX Datasheet
826Kb / 10P
   WITH HEATSINK
More results

Podobny opis - P-U90-G3X1-1XXX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Littelfuse
FHM1 LITTELFUSE-FHM1 Datasheet
46Kb / 1P
   Intended for use
logo
JMK Inc.
637A JMK-637A Datasheet
209Kb / 1P
   The 637A series filter is a very compact DC filter intended for use with telecommunication hardware
logo
Littelfuse
153002 LITTELFUSE-153002_15 Datasheet
269Kb / 1P
   Intended for use with 32 volts Autofuse fuses
logo
PHOENIX CONTACT
2702635 PHOENIX-2702635 Datasheet
88Kb / 5P
   The bus coupler is intended for use within a CANopen짰 network and represents the link to the Inline I/O system.
2702230 PHOENIX-2702230 Datasheet
99Kb / 5P
   The bus coupler is intended for use within a CANopen짰 network and represents the link to the Inline I/O system.
logo
Molex Electronics Ltd.
03-09-2011 MOLEX1-03-09-2011 Datasheet
39Kb / 1P
   THIS HOUSING IS FOR USE WITH THE .093 DIA. TERMININALS
logo
List of Unclassifed Man...
AS998 ETC1-AS998 Datasheet
30Kb / 6P
   IC intended for use as a PWM controller
logo
STMicroelectronics
AN4080 STMICROELECTRONICS-AN4080 Datasheet
574Kb / 35P
   This application note is intended for system designers
logo
PHOENIX CONTACT
2701949 PHOENIX-2701949 Datasheet
123Kb / 6P
   The bus coupler is intended for use within a Modbus/TCP (UDP) network and represents the link to the Axioline F I/O system.
logo
STMicroelectronics
AN2871 STMICROELECTRONICS-AN2871 Datasheet
330Kb / 25P
   This application note is intended for hardware designers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com