Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST75C176BN Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części ST75C176BN
Szczegółowy opis  Low power RS-485/RS-422 transceiver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST75C176BN Arkusz danych(HTML) 4 Page - STMicroelectronics

  ST75C176BN Datasheet HTML 1Page - STMicroelectronics ST75C176BN Datasheet HTML 2Page - STMicroelectronics ST75C176BN Datasheet HTML 3Page - STMicroelectronics ST75C176BN Datasheet HTML 4Page - STMicroelectronics ST75C176BN Datasheet HTML 5Page - STMicroelectronics ST75C176BN Datasheet HTML 6Page - STMicroelectronics ST75C176BN Datasheet HTML 7Page - STMicroelectronics ST75C176BN Datasheet HTML 8Page - STMicroelectronics ST75C176BN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Truth tables
ST75C176B - ST75C176C
4/17
2
Truth tables
Note:
X= Don’t care; Z=High impedance
Note:
X= Don’t care; Z=High impedance
Table 3.
Truth table (driver)
Inputs
Outputs
RE
DE
DI
B
A
XH
H
L
H
XH
L
H
L
XLX
Z
Z
Table 4.
Truth table (receiver)
Inputs
Output
RE
DE
A-B
RO
LL
+0.2V
H
LL
-0.2V
L
L
L
INPUTS OPEN
H
HL
X
Z


Podobny numer części - ST75C176BN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST75C176BN STMICROELECTRONICS-ST75C176BN Datasheet
301Kb / 13P
   LOW POWER RS-485/RS-422 TRANSCEIVER
June 2003
More results

Podobny opis - ST75C176BN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
   Low power RS-485/RS-422 transceiver
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
   Low power RS-485/RS-422 transceiver
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
   LOW POWER RS-485/RS-422 TRANSCEIVER
ST75C176 STMICROELECTRONICS-ST75C176 Datasheet
301Kb / 13P
   LOW POWER RS-485/RS-422 TRANSCEIVER
June 2003
ST485_068 STMICROELECTRONICS-ST485_068 Datasheet
306Kb / 19P
   Low power RS-485/RS-422 transceiver
logo
Texas Instruments
DS485 TI1-DS485_15 Datasheet
886Kb / 16P
[Old version datasheet]   Low Power RS-485/RS-422 Multipoint Transceiver
logo
National Semiconductor ...
DS485 NSC-DS485 Datasheet
140Kb / 10P
   Low Power RS-485/RS-422 Multipoint Transceiver
logo
Analog Devices
ADM1487 AD-ADM1487_15 Datasheet
384Kb / 8P
   Ultra-Low Power RS-485/RS-422 Transceiver
REV. PrC 08/02
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com