Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STA516BE Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części STA516BE
Szczegółowy opis  500 W FFX digital amplifier power stage
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA516BE Arkusz danych(HTML) 4 Page - STMicroelectronics

  STA516BE Datasheet HTML 1Page - STMicroelectronics STA516BE Datasheet HTML 2Page - STMicroelectronics STA516BE Datasheet HTML 3Page - STMicroelectronics STA516BE Datasheet HTML 4Page - STMicroelectronics STA516BE Datasheet HTML 5Page - STMicroelectronics STA516BE Datasheet HTML 6Page - STMicroelectronics STA516BE Datasheet HTML 7Page - STMicroelectronics STA516BE Datasheet HTML 8Page - STMicroelectronics STA516BE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Pin description
STA516BE
2
Pin description
Figure 1: Pin out
Table 2: Pin function
Pin
Name
Type
Description
1
GND_SUB
PWR
Substrate ground
2, 3
OUT2B
O
Output half bridge 2B
4
VCC2B
PWR
Positive supply
5
GND2B
PWR
Negative supply
6
GND2A
PWR
Negative supply
7
VCC2A
PWR
Positive supply
8, 9
OUT2A
O
Output half bridge 2A
10,
11
OUT1B
O
Output half bridge 1B
12
VCC1B
PWR
Positive supply
13
GND1B
PWR
Negative supply
14
GND1A
PWR
Negative supply
15
VCC1A
PWR
Positive supply
16,
17
OUT1A
O
Output half bridge 1A
18
N.C.
-
No internal connection
19
GND_CLEAN
PWR
Logical ground
20
GND_REG
PWR
Ground for regulator VDD
21,
22
VDD
PWR
5-V regulator referred to ground
23
VL
PWR
High logical state setting voltage, VL
24
CONFIG
I
Configuration pin:
0: normal operation
VCC_ SIGN
VCC_ SIGN
VSS
VSS
IN2B
IN2A
IN1B
IN1A
TH_WARN
FAULT
TRISTATE
PWRD N
CONFIG
VL
VDD
VDD
GND_RE G
GND_CLEAN
SUB _GND
OUT2B
OUT2B
VCC2 B
GND2 B
GND2 A
VCC2 A
OUT2A
OUT2A
OUT1B
OUT1B
VCC1 B
GND1 B
GND1 A
VCC1 A
OUT1A
OUT1A
N.C.
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
STA516BE
4/20
DocID026166 Rev 1


Podobny numer części - STA516BE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STA516B STMICROELECTRONICS-STA516B Datasheet
179Kb / 13P
   60 V 6 A quad power half bridge
STA516B13TR STMICROELECTRONICS-STA516B13TR Datasheet
179Kb / 13P
   60 V 6 A quad power half bridge
STA516B STMICROELECTRONICS-STA516B_10 Datasheet
212Kb / 17P
   65-volt, 7.5-amp, quad power half bridge
More results

Podobny opis - STA516BE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
[Old version datasheet]   30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVRG4 TI-TAS5342DDVRG4 Datasheet
974Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5352 TI1-TAS5352_16 Datasheet
1Mb / 29P
[Old version datasheet]   125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5110A TI-TAS5110A Datasheet
165Kb / 17P
[Old version datasheet]   PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
TAS5110A TI1-TAS5110A_16 Datasheet
473Kb / 20P
[Old version datasheet]   PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
TAS5342L TI-TAS5342L Datasheet
822Kb / 29P
[Old version datasheet]   100 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com