Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

7447709221 Arkusz danych(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Numer części 7447709221
Szczegółowy opis  WE-PD SMD Shielded Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Strona internetowa  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7447709221 Arkusz danych(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7447709221 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447709221 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447709221 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447709221 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447709221 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 7447709221 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2.7
2.6
2.5
2.4
2.3
2.2
2.1
REV
2015-05-18
2014-09-16
2014-06-16
2014-01-09
2013-04-25
2013-04-16
2013-02-20
DATE
SSt
SSt
SSt
SSt
SSt
SSt
SSt
BY
ALa
ALa
SSt
SSt
SSt
ALa
ALa
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-PD SMD Shielded Power Inductor
Order.- No.
7447709221
SIZE
A4
Size: 1210
H1: Classification Reflow Profile for SMT components:
H2: Classification Reflow Profiles
Profile Feature
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (ts) from (Tsmin to Tsmax)
Ramp-up rate (TL to TP)
Liquidous temperature (TL)
Time (tL) maintained above TL
Peak package body temperature (Tp)
Time within 5°C of actual peak temperature (tp)
Ramp-down rate (TP to TL)
Time 25°C to peak temperature
Pb-Free Assembly
150°C
200°C
60-120 seconds
3°C/ second max.
217°C
60-150 seconds
See Table H3
20-30 seconds
6°C/ second max.
8 minutes max.
refer to IPC/JEDEC J-STD-020D
H3: Package Classification Reflow Temperature
PB-Free Assembly
PB-Free Assembly
PB-Free Assembly
Package Thickness
< 1.6 mm
1.6 - 2.5 mm
≥ 2.5 mm
Volume mm³
<350
260°C
260°C
250°C
Volume mm³
350 - 2000
260°C
250°C
245°C
Volume mm³
>2000
260°C
245°C
245°C
refer to IPC/JEDEC J-STD-020D
H Soldering Specifications:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Podobny numer części - 7447709221

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
7447709221 WURTH-7447709221 Datasheet
189Kb / 3P
   POWER-CHOKE WE-PD
More results

Podobny opis - 7447709221

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
7447709681 WURTH-7447709681_15 Datasheet
1Mb / 6P
   WE-PD SMD Shielded Power Inductor
7447713150 WURTH-7447713150_15 Datasheet
1Mb / 6P
   WE-PD SMD Shielded Power Inductor
7447786002 WURTH-7447786002_15 Datasheet
1Mb / 6P
   WE-PD SMD Shielded Power Inductor
744770168 WURTH-744770168_15 Datasheet
1Mb / 6P
   WE-PD SMD Shielded Power Inductor
7447779168 WURTH-7447779168_15 Datasheet
1Mb / 6P
   WE-PD SMD Shielded Power Inductor
744770112 WURTH-744770112_15 Datasheet
1Mb / 6P
   WE-PD SMD Shielded Power Inductor
74477125 WURTH-74477125_15 Datasheet
1Mb / 6P
   WE-PD SMD Shielded Power Inductor
7447789133 WURTH-7447789133_15 Datasheet
1Mb / 6P
   WE-PD SMD Shielded Power Inductor
744770256 WURTH-744770256_15 Datasheet
1Mb / 6P
   WE-PD SMD Shielded Power Inductor
7447789233 WURTH-7447789233_15 Datasheet
1Mb / 6P
   WE-PD SMD Shielded Power Inductor
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com