Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74408943068 Arkusz danych(PDF) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Numer części 74408943068
Szczegółowy opis  WE-SPC SMD Shielded Power Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Strona internetowa  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74408943068 Arkusz danych(HTML) 4 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74408943068 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74408943068 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74408943068 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74408943068 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74408943068 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 74408943068 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4.10
4.9
4.8
4.7
4.6
4.5
4.4
REV
2016-03-01
2015-05-19
2014-06-23
2014-03-31
2013-04-25
2013-01-02
2012-12-05
DATE
KaS
SSt
SSt
SSt
SSt
SSt
SSt
BY
ALa
ALa
SSt
SSt
SSt
COt
SSt
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-SPC SMD Shielded Power Inductor
Order.- No.
74408943068
SIZE
A4
Size: 4838
H1: Classification Reflow Profile for SMT components:
H2: Classification Reflow Profiles
Profile Feature
Preheat
- Temperature Min (Tsmin)
- Temperature Max (Tsmax)
- Time (ts) from (Tsmin to Tsmax)
Ramp-up rate (TL to TP)
Liquidous temperature (TL)
Time (tL) maintained above TL
Peak package body temperature (Tp)
Time within 5°C of actual peak temperature (tp)
Ramp-down rate (TP to TL)
Time 25°C to peak temperature
Pb-Free Assembly
150°C
200°C
60-120 seconds
3°C/ second max.
217°C
60-150 seconds
See Table H3
20-30 seconds
6°C/ second max.
8 minutes max.
refer to IPC/JEDEC J-STD-020D
H3: Package Classification Reflow Temperature
PB-Free Assembly
PB-Free Assembly
PB-Free Assembly
Package Thickness
< 1.6 mm
1.6 - 2.5 mm
≥ 2.5 mm
Volume mm³
<350
260°C
260°C
250°C
Volume mm³
350 - 2000
260°C
250°C
245°C
Volume mm³
>2000
260°C
245°C
245°C
refer to IPC/JEDEC J-STD-020D
H Soldering Specifications:
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Podobny numer części - 74408943068

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
74408943068 WURTH-74408943068 Datasheet
253Kb / 3P
   POWER CHOKE WE-SPC 4838
74408943068 WURTH-74408943068 Datasheet
540Kb / 5P
   WE-SPC SMD Shielded Power Inductor
More results

Podobny opis - 74408943068

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wurth Elektronik GmbH &...
74408943560 WURTH-74408943560 Datasheet
538Kb / 5P
   WE-SPC SMD Shielded Power Inductor
744089420022 WURTH-744089420022 Datasheet
526Kb / 5P
   WE-SPC SMD Shielded Power Inductor
744089420039 WURTH-744089420039 Datasheet
552Kb / 5P
   WE-SPC SMD Shielded Power Inductor
74408942330 WURTH-74408942330 Datasheet
547Kb / 5P
   WE-SPC SMD Shielded Power Inductor
74408942470 WURTH-74408942470 Datasheet
551Kb / 5P
   WE-SPC SMD Shielded Power Inductor
74408943150 WURTH-74408943150 Datasheet
539Kb / 5P
   WE-SPC SMD Shielded Power Inductor
74408942012 WURTH-74408942012 Datasheet
540Kb / 5P
   WE-SPC SMD Shielded Power Inductor
74408942022 WURTH-74408942022 Datasheet
530Kb / 5P
   WE-SPC SMD Shielded Power Inductor
74408943022 WURTH-74408943022 Datasheet
532Kb / 5P
   WE-SPC SMD Shielded Power Inductor
74408943101 WURTH-74408943101 Datasheet
544Kb / 5P
   WE-SPC SMD Shielded Power Inductor
744089430056 WURTH-744089430056 Datasheet
531Kb / 5P
   WE-SPC SMD Shielded Power Inductor
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com