Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NBSG11MN Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części NBSG11MN
Szczegółowy opis  2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL* Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG11MN Arkusz danych(HTML) 4 Page - ON Semiconductor

  NBSG11MN Datasheet HTML 1Page - ON Semiconductor NBSG11MN Datasheet HTML 2Page - ON Semiconductor NBSG11MN Datasheet HTML 3Page - ON Semiconductor NBSG11MN Datasheet HTML 4Page - ON Semiconductor NBSG11MN Datasheet HTML 5Page - ON Semiconductor NBSG11MN Datasheet HTML 6Page - ON Semiconductor NBSG11MN Datasheet HTML 7Page - ON Semiconductor NBSG11MN Datasheet HTML 8Page - ON Semiconductor NBSG11MN Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NBSG11
http://onsemi.com
4
Table 4. MAXIMUM RATINGS (Note 5)
Symbol
Parameter
Condition 1
Condition 2
Rating
Units
VCC
Positive Power Supply
VEE = 0 V
3.6
V
VEE
Negative Power Supply
VCC = 0 V
-3.6
V
VI
Positive Input
Negative Input
VEE = 0 V
VCC = 0 V
VI ≤ VCC
VI ≥ VEE
3.6
-3.6
V
V
VINPP
Differential Input Voltage
|D - D|
VCC - VEE w 2.8 V
VCC - VEE <
2.8 V
2.8
|VCC - VEE|
V
V
Iout
Output Current
Continuous
Surge
25
50
mA
mA
TA
Operating Temperature Range
16 FCBGA
16 QFN
-40 to +70
-40 to +85
°C
Tstg
Storage Temperature Range
-65 to +150
°C
qJA
Thermal Resistance (Junction-to-Ambient)
(Note 6)
0 LFPM
500 LFPM
0 LFPM
500 LFPM
16 FCBGA
16 FCBGA
16 QFN
16 QFN
108
86
41.6
35.2
°C/W
°C/W
°C/W
°C/W
qJC
Thermal Resistance (Junction-to-Case)
1S2P (Note 6)
2S2P (Note 7)
16 FCBGA
16 QFN
5.0
4.0
°C/W
°C/W
Tsol
Wave Solder
< 15 Seconds
225
°C
5. Maximum Ratings are those values beyond which device damage may occur.
6. JEDEC standard multilayer board - 1S2P (1 signal, 2 power).
7. JEDEC standard multilayer board - 2S2P (2 signal, 2 power) with 8 filled thermal vias under exposed pad.
Table 5. DC CHARACTERISTICS, INPUT WITH RSPECL OUTPUT VCC = 2.5 V; VEE = 0 V (Note 8)
-40
°C
25
°C
70
°C(BGA)/85°C(QFN)**
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Negative Power Supply Current
45
60
75
45
60
75
45
60
75
mA
VOH
Output HIGH Voltage (Note 9)
1450
1530
1575
1525
1565
1600
1550
1590
1625
mV
VOUTPP
Output Amplitude Voltage
350
410
525
350
410
525
350
410
525
mV
VIH
Input HIGH Voltage (Single-Ended)
(Note 11)
VCC-
1435
mV
VCC-
1000
mV*
VCC
VCC-
1435
mV
VCC-
1000
mV*
VCC
VCC-
1435
mV
VCC-
1000
mV*
VCC
V
VIL
Input LOW Voltage (Single-Ended)
(Note 12)
VIH-
2.5 V
VCC-
1400
mV*
VIH-
150 mV
VIH-
2.5 V
VCC-
1400
mV*
VIH-
150
mV
VIH-
2.5 V
VCC-
1400
mV*
VIH-
150
mV
V
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 10)
1.2
2.5
1.2
2.5
1.2
2.5
V
RTIN
Internal Input Termination Resistor
45
50
55
45
50
55
45
50
55
W
IIH
Input HIGH Current (@ VIH, VIHMAX)
80
150
80
150
80
150
mA
IIL
Input LOW Current (@ VIL, VILMIN)
25
100
25
100
25
100
mA
NOTE: SiGe circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The
circuit is in a test socket or mounted on a printed circuit board and transverse airflow greater than 500 lfpm is maintained.
8. Input and output parameters vary 1:1 with VCC. VEE can vary +0.125 V to -0.965 V.
9. All loading with 50
W to VCC - 2.0 V. VOH/VOL measured at VIH/VIL.
10. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal.
11. VIH cannot exceed VCC.
12. VIL always ≥ VEE.
*Typicals used for testing purposes.
**The device packaged in FCBGA-16 have maximum temperature specification of 70
°C and devices packaged in QFN-16 have maximum
temperature specification of 85
°C.


Podobny numer części - NBSG11MN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NBSG11MN ONSEMI-NBSG11MN Datasheet
117Kb / 12P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL Outputs
July, 2006 ??Rev. 8
NBSG11MNG ONSEMI-NBSG11MNG Datasheet
117Kb / 12P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL Outputs
July, 2006 ??Rev. 8
NBSG11MNG ONSEMI-NBSG11MNG Datasheet
102Kb / 11P
   SiGe 1:2 Differential Clock Driver
June, 2014 ??Rev. 17
NBSG11MNHTBG ONSEMI-NBSG11MNHTBG Datasheet
102Kb / 11P
   SiGe 1:2 Differential Clock Driver
June, 2014 ??Rev. 17
NBSG11MNR2 ONSEMI-NBSG11MNR2 Datasheet
117Kb / 12P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL Outputs
July, 2006 ??Rev. 8
More results

Podobny opis - NBSG11MN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NBSG11 ONSEMI-NBSG11_06 Datasheet
117Kb / 12P
   2.5V/3.3V SiGe 1:2 Differential Clock Driver with RSECL Outputs
July, 2006 ??Rev. 8
NBSG111 ONSEMI-NBSG111 Datasheet
174Kb / 11P
   2.5V/3.3V SiGe Differential 1:10 Clock/Data Driver with RSECL Outputs
January, 2007 ??Rev. 8
NBSG14 ONSEMI-NBSG14 Datasheet
354Kb / 12P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
August, 2003 ??Rev. 7
NBSG14 ONSEMI-NBSG14_06 Datasheet
390Kb / 13P
   2.5V/3.3V SiGe Differential 1:4 Clock/Data Driver with RSECL Outputs
July, 2006 ??Rev. 9
NBSG16 ONSEMI-NBSG16 Datasheet
138Kb / 12P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECL Outputs
July, 2006 ??Rev. 14
NBSG11 ONSEMI-NBSG11_14 Datasheet
102Kb / 11P
   SiGe 1:2 Differential Clock Driver
June, 2014 ??Rev. 17
NBSG16BA ONSEMI-NBSG16BA Datasheet
104Kb / 10P
   2.5V/3.3V SiGe Differential Receiver/Driver with RSECLOutputs
May, 2003 - Rev. 12
NB7VQ58M ONSEMI-NB7VQ58M Datasheet
1Mb / 9P
   1.8V / 2.5V / 3.3V Differential 2:1 Clock/Data Multiplexer / Translator with CML Outputs
August, 2009 ??Rev. 0
MC100LVEP111 ONSEMI-MC100LVEP111_15 Datasheet
179Kb / 14P
   2.5V / 3.3V 2:1:10 Differential ECL/PECL/HSTL Clock Driver
August, 2015 ??Rev. 23
NBSG16VS ONSEMI-NBSG16VS Datasheet
192Kb / 14P
   2.5V/3.3V SiGe Differential Receiver/Driver with Variable Output Swing
July, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com