Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P-MUSB-B551-XX Arkusz danych(PDF) 1 Page - Amphenol Corporation

Numer części P-MUSB-B551-XX
Szczegółowy opis  USB HOUSING: ENGINEERING THERMOPLASTIC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMPHENOL [Amphenol Corporation]
Strona internetowa  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-MUSB-B551-XX Arkusz danych(HTML) 1 Page - Amphenol Corporation

  P-MUSB-B551-XX Datasheet HTML 1Page - Amphenol Corporation P-MUSB-B551-XX Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7.30
.287
19.00
9.20
.362
0.40 X 0.25
[.016 X .010]
CONTACT TAILS
.748
REF.
GROUND TAILS
[.016 X .079]
X 2.00
0.40
12.23
REF.
.481
RECEPTACLE
GASKET
MINI B USB
DIE CAST SHELL
ANGULAR DEGREES
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
AB
C
D
E
F
GH
2
1
2
1
THIRD
MUSB SERIES RUGGED MINI-B USB
2
H
SCALE:
REV
DWG.
NO.
6
OF
www.amphenolcanada.com
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REV
REVISIONS
Amphenol Canada Corp.
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
P-MUSB-B551-XX
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
1
SHEET
RoHS COMPLIANT
S.SEMENOV
H
PRODUCT DWG (EAR 13897)
JUN27/11
K.L.
DWG SIZE:
PCB TAIL, METAL SHELL,
RECEPTACLE, VERTICAL MOUNT,
DRAWING
A.GREEN
FEB23/07
FEB23/07
03554
5:1
C
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
ENG. REL. NO.
REF.
SCALE
DO NOT
PROJECTION
MILLIMETERS
INCHES
PRIMARY UNITS
SECONDARY
REFERENCE IN PARENTHESES
ANGLE
UNLESS SPECIFIED OTHERWISE
0.15
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
EAR 13430
CONTACT
POSITION #1
SEE ORDERING CODE THREAD OPTION
5.00 [.197] DEEP THREADED HOLES
CONTACT
POSITION #5
.394
10.00
.787
20.00
.591
15.00
10.70
REF.
.421
3.00
.118
.244
6.20
.098
2.50
.087
2.20
.208
5.28
±.012
.089
2.25±0.30
5.70
.224
DUST COVER
OPTIONAL, SEE
ORDERING CODE
.362
REF
9.20
.244
REF
6.20
58.45 REF
2.301
HOLE
2.60
[.102]
MOUNTING
ORDERING CODE: M U S B - B 5 5 1 - X X
SERIES, RUGGED USB
RECOMMENDED TORQUE FOR PANEL MOUNT SCREWS: 0.23 TO 0.34 N.m (2.00 TO 3.00
PORT, VERTICAL PCB TAILS
USB 'MINI-B' RECEPTACLE, SINGLE
7.
N = M2.5 X 0.45 THREAD
0 = #2-56 UNC THREAD
THREAD OPTION
IN-LBS) FOR SCREWS WITH 2.50mm (.098") THREAD ENGAGEMENT.
8.
RECOMMENDED ENCLOSURE PANEL: 1.20 TO 2.50mm (.047 TO .098") THICK.
DUST COVER OPTION
0 = NO DUST COVER SUPPLIED
1 = WITH GREY DUST COVER SUPPLIED
BETWEEN DUST COVER OPTIONS '0' AND '4'
NOTE: THERE IS NO DIFFERENCE
5 = WITH BLACK DUST COVER SUPPLIED
4 = NO DUST COVER SUPPLIED
NOTES:
MATERIAL:
1.
ALL MATERIALS ARE RoHS COMPLIANT PER EU DIRECTIVE 2002/95/EC AND
AMENDMENTS
OUTER SHELL: DIE CAST ZINC ALLOY, NICKEL PLATED
CONTACTS: PHOSPHOR BRONZE, PLATED WITH 0.76 MICRONS [30u"] GOLD OVER
1.27 MICRONS [50u"] MINIMUM NICKEL ON THE MATING AREA WITH GOLD FLASH
OVER NICKEL ON THE TAILS.
USB HOUSING: ENGINEERING THERMOPLASTIC, FLAMMABILITY RATING UL94V-0,
BLACK.
USB SHELL: COPPER ALLOY, NICKEL PLATED
GASKET: PORON WITH ADHESIVE BACKING.
DUST COVER: SILICONE RUBBER WITH NICKEL PLATED COPPER ALLOY BUSHING.
ENVIRONMENTAL PERFORMANCE PER IEC 60529 CODE IP67 FOR SEAL BETWEEN
2.
MATING AREA AND PCB SIDE OF CONNECTOR. GASKET PROVIDES SEAL TO INSIDE
FACE OF ENCLOSURE PANEL. AVAILABLE DUST COVER PROVIDES ADDED
PROTECTION. SEE SHEET 2 FOR APPLICATION VIEW.
CURRENT RATING: 1 AMPERE.
3.
CONTACT RESISTANCE: 50 MILLIOHMS MAXIMUM.
4.
OPERATING TEMPERATURE: -40 C TO +105 C.
5.
DUST COVERS MAY BE ORDERED SEPARATELY. SPECIFY
6.
MUSB-2E151-005BP FOR GREY DUST COVER
MUSB-2E151-015BP FOR BLACK DUST COVER
SPECIAL CONNECTORS:
MANY UNIQUE FEATURES ARE READILY
AVAILABLE TO SUIT CUSTOMER
REQUIREMENTS. CONSULT WITH
AMPHENOL CANADA FOR DETAILS.


Podobny numer części - P-MUSB-B551-XX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Amphenol Corporation
P-MUSB-B151-XX AMPHENOL-P-MUSB-B151-XX Datasheet
83Kb / 2P
   OUTER SHELL: DIE CAST ZINC ALLOY, NICKEL PLATED
P-MUSB-BA51-XX AMPHENOL-P-MUSB-BA51-XX Datasheet
110Kb / 2P
   DUST COVERS MAY BE ORDERED SEPARATELY
More results

Podobny opis - P-MUSB-B551-XX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Amphenol Corporation
P-MUSB-E151-XX AMPHENOL-P-MUSB-E151-XX Datasheet
83Kb / 2P
   USB HOUSING: ENGINEERING THERMOPLASTIC
P-MDB-E09SA-700 AMPHENOL-P-MDB-E09SA-700 Datasheet
81Kb / 1P
   HOUSING: HIGH STRENGTH THERMOPLASTIC
logo
FCI connector
76342 FCI-CONNECTOR-76342 Datasheet
78Kb / 2P
   HOUSING MAT: THERMOPLASTIC GLASS FILLED
logo
List of Unclassifed Man...
EIA4025UPAP ETC2-EIA4025UPAP Datasheet
116Kb / 3P
   Proximity Sensors Inductive Thermoplastic Polyester Housing
logo
Carlo Gavazzi Holding A...
CA18CAN12NAM1 CARLOGAVAZZI-CA18CAN12NAM1 Datasheet
684Kb / 5P
   Proximity Sensors Capacitive Thermoplastic Polyester Housing
IA12CSF02UCM1 CARLOGAVAZZI-IA12CSF02UCM1 Datasheet
87Kb / 3P
   Proximity Sensors Inductive Thermoplastic Polyester Housing
CA30CAN25NAM1 CARLOGAVAZZI-CA30CAN25NAM1 Datasheet
698Kb / 5P
   Proximity Sensors Capacitive Thermoplastic Polyester Housing
CA12CLC08BPM1RT CARLOGAVAZZI-CA12CLC08BPM1RT Datasheet
786Kb / 4P
   Proximity Sensors Capacitive Thermoplastic Polyester Housing
CD46CNC10NP CARLOGAVAZZI-CD46CNC10NP Datasheet
212Kb / 3P
   Proximity Sensors Capacitive Thermoplastic Polyester Housing
logo
List of Unclassifed Man...
CA12CLC08BPM1 ETC2-CA12CLC08BPM1 Datasheet
42Kb / 3P
   Proximity Sensors Capacitive Thermoplastic Polyester Housing
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com