Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA12764 Arkusz danych(PDF) 1 Page - Cree, Inc

Numer części CA12764
Szczegółowy opis  Flare series
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CREE [Cree, Inc]
Strona internetowa  http://www.cree.com/
Logo CREE - Cree, Inc

CA12764 Arkusz danych(HTML) 1 Page - Cree, Inc

  CA12764 Datasheet HTML 1Page - Cree, Inc CA12764 Datasheet HTML 2Page - Cree, Inc CA12764 Datasheet HTML 3Page - Cree, Inc CA12764 Datasheet HTML 4Page - Cree, Inc CA12764 Datasheet HTML 5Page - Cree, Inc CA12764 Datasheet HTML 6Page - Cree, Inc CA12764 Datasheet HTML 7Page - Cree, Inc CA12764 Datasheet HTML 8Page - Cree, Inc CA12764 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
PRODUCT DATASHEET
Flare series
last update 5/10/2015
DETAILS
Product Number
CA12764_FLARE-MINI-A
Family
Flare
Type
Assembly
Color
clear
Diameter
16 mm
Height
9,1 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
tape
Status
production ready
ROHS Comliant
Yes
Date Updated
5/10/2015
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-E
113+20 deg
REC-class
94 %
0.900
-
XB-D
130+21 deg
REC-class
94 %
0.800
-
XP-G
114+22 deg
REC-class
94 %
0.800
-
XT-E
124+22 deg
REC-class
94 %
0.700
-
XP-E2
92+12 deg
REC-class
94 %
2.000
-
XP-G2
94+19 deg
REC-class
94 %
1.300
-
XP-L
114+25 deg
REC-class
91 %
0.790
-
XHP35 HD
sim: 31+96
REC-class
sim: 93 % sim: 0.890 -
XHP35 HI
sim: 20+92
REC-class
sim: 94 % sim: 1.300 -
XP-L2
100+28 deg
REC-class
94 %
0.840
-
H35C1 (LEMWA33)
96+18 deg
REC-class
94 %
1.320
-
LUXEON Rebel ES
110+19 deg
REC-class
94 %
0.900
-
LUXEON C
sim: 11+84
REC-class
sim: 92 % sim: 1.600 -
NCSxx19A
112+20 deg
REC-class
94 %
0.900
-
NCSxx19B
95+15 deg
REC-class
94 %
1.600
-
Oslon Square PC
116+22 deg
REC-class
94 %
0.800
-
Oslon SSL 80
84+12 deg
REC-class
93 %
2.000
-
Oslon SSL 150
106+11 deg
REC-class
93 %
1.700
-
LH351Z
95+19 deg
REC-class
94 %
1.500
-
June 7th 2017 4:23 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Podobny numer części - CA12764

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ledil, Inc.
CA12764 LEDIL-CA12764 Datasheet
3Mb / 9P
   ~100째 x 20째 oval beam
More results

Podobny opis - CA12764

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
C12763 CREE-C12763 Datasheet
1Mb / 25P
   Flare series
CA13057 CREE-CA13057 Datasheet
1Mb / 31P
   Flare series
CA12838 CREE-CA12838 Datasheet
2Mb / 41P
   Flare series
C14613 CREE-C14613 Datasheet
686Kb / 9P
   Flare series
C12837 CREE-C12837 Datasheet
1Mb / 27P
   Flare series
C13015 CREE-C13015 Datasheet
971Kb / 20P
   Flare series
C13012 CREE-C13012 Datasheet
3Mb / 59P
   Flare series
C13016 CREE-C13016 Datasheet
1Mb / 22P
   Flare series
CA13058 CREE-CA13058 Datasheet
1Mb / 27P
   Flare series
CA14366 CREE-CA14366 Datasheet
976Kb / 15P
   Flare series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com