Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AMT312S Arkusz danych(PDF) 2 Page - CUI INC

Numer części AMT312S
Szczegółowy opis  MODULAR COMMUTATION ENCODER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CUI [CUI INC]
Strona internetowa  http://www.cui.com
Logo CUI - CUI INC

AMT312S Arkusz danych(HTML) 2 Page - CUI INC

  AMT312S Datasheet HTML 1Page - CUI INC AMT312S Datasheet HTML 2Page - CUI INC AMT312S Datasheet HTML 3Page - CUI INC AMT312S Datasheet HTML 4Page - CUI INC AMT312S Datasheet HTML 5Page - CUI INC AMT312S Datasheet HTML 6Page - CUI INC AMT312S Datasheet HTML 7Page - CUI INC AMT312S Datasheet HTML 8Page - CUI INC AMT312S Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
cui.com
date 10/13/2015
│ page 2 of 10
CUI Inc
│ SERIES: AMT31 │ DESCRIPTION: MODULAR COMMUTATION ENCODER
WAVEFORMS
Z
A
B
I
P
T
S S S S
Quadrature signals with index showing
counter-clockwise rotation
Figure 1
Parameter Description Expression
Units
T
period
360/R
mechanical degrees
P
pulse width
T/2
mechanical degrees
I
index width
P/2
mechanical degrees
S
A/B state
width
P/2
mechanical degrees
The following parameters are defined by the resolution selected
for each encoder, where R = resolution.
Z
U
V
W
I
P
C
T
S S S S S S
Commutation signals with index (The programmable
direction setting dictates in which direction of
rotation U will lead V, and V will lead W)
Figure 2
Parameter Description Expression
Units
T
period
720/M
mechanical degrees
P
pulse width
T/2
mechanical degrees
I
index width
90/R
mechanical degrees
S
U/V/W state
width
60
electrical degrees
T/6
mechanical degrees
C
phase
spacing
120
electrical degrees
T/3
mechanical degrees
The following parameters are defined by the resolution and pole
count selected for each encoder, where R = resolution and M =
pole.
MECHANICAL
parameter
conditions/description
min
typ
max
units
motor shaft length
9
mm
weight
weight varies by configuration
15.7
g
axial play
±0.3
mm
rotational speed (at each
resolution)
48, 96, 100, 125, 192, 200, 250, 256, 384, 400,
500, 512, 800, 1000, 1024, 2048
8000
RPM
768, 1600, 2000, 4096
4000
RPM
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature1
-40
105
°C
humidity
non-condensing
85
%
vibration
10~500 Hz, 5 minute sweep, 2 hours on each XYZ
5
G
shock
3 pulses, 6 ms, 3 on each XYZ
200
G
RoHS
2011/65/EU
Note:
1. Encoders with operating temperature of -40~125°C are available as a custom order
SERIAL INTERFACE
parameter
conditions/description
min
typ
max
units
protocol
serial UART
controller
driven by onboard Microchip PIC18F25K80. See
Microchip documentation for additional details.
data rate
8 data bits, no parity, 1 stop bit, least significant
bit first
115200
baud
For more information, please visit the product page.


Podobny numer części - AMT312S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CUI INC
AMT312S CUI-AMT312S Datasheet
834Kb / 11P
   MODULAR COMMUTATION ENCODER
logo
Lin Eng. Inc.
AMT312S LINENGINEERING-AMT312S Datasheet
234Kb / 2P
   CABLE
logo
CUI INC
AMT312S-0048-02-CW-S CUI-AMT312S-0048-02-CW-S Datasheet
792Kb / 11P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT312S-0048-04-CW-S CUI-AMT312S-0048-04-CW-S Datasheet
792Kb / 11P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT312S-0048-06-CW-S CUI-AMT312S-0048-06-CW-S Datasheet
792Kb / 11P
   MODULAR COMMUTATION ENCODER
09/10/2021
More results

Podobny opis - AMT312S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CUI INC
AMT31 CUI-AMT31_18 Datasheet
834Kb / 11P
   MODULAR COMMUTATION ENCODER
logo
CUI Devices
AMT31 CUID-AMT31 Datasheet
759Kb / 11P
   MODULAR COMMUTATION ENCODER
08/05/2022
logo
CUI INC
AMT31 CUI-AMT31_V01 Datasheet
792Kb / 11P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT33 CUI-AMT33_V01 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT33 CUI-AMT33 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
logo
CUI Devices
AMT33 CUID-AMT33 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
08/05/2022
logo
CUI INC
AMT303 CUI-AMT303 Datasheet
390Kb / 7P
   COMMUTATION ENCODER
AMT203 CUI-AMT203_13 Datasheet
524Kb / 7P
   MODULAR ENCODER
AMT303 CUI-AMT303_13 Datasheet
569Kb / 6P
   MODULAR ENCODER
AMT10 CUI-AMT10_13 Datasheet
617Kb / 8P
   MODULAR ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com