Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS122U04IRTET Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części ADS122U04IRTET
Szczegółowy opis  24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADS122U04IRTET Arkusz danych(HTML) 2 Page - Texas Instruments

  ADS122U04IRTET Datasheet HTML 1Page - Texas Instruments ADS122U04IRTET Datasheet HTML 2Page - Texas Instruments ADS122U04IRTET Datasheet HTML 3Page - Texas Instruments ADS122U04IRTET Datasheet HTML 4Page - Texas Instruments ADS122U04IRTET Datasheet HTML 5Page - Texas Instruments ADS122U04IRTET Datasheet HTML 6Page - Texas Instruments ADS122U04IRTET Datasheet HTML 7Page - Texas Instruments ADS122U04IRTET Datasheet HTML 8Page - Texas Instruments ADS122U04IRTET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
2
ADS122U04
SBAS752 – MAY 2017
www.ti.com
Product Folder Links: ADS122U04
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Family Comparison Table ........................ 3
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 5
7.1
Absolute Maximum Ratings ...................................... 5
7.2
ESD Ratings.............................................................. 5
7.3
Recommended Operating Conditions ....................... 5
7.4
Thermal Information .................................................. 6
7.5
Electrical Characteristics........................................... 6
7.6
UART Timing Requirements ..................................... 9
7.7
UART Switching Characteristics ............................... 9
8
Parameter Measurement Information ................ 11
8.1
Noise Performance ................................................. 11
9
Detailed Description ............................................ 14
9.1
Overview ................................................................. 14
9.2
Functional Block Diagram ....................................... 14
9.3
Feature Description................................................. 15
9.4
Device Functional Modes........................................ 26
9.5
Programming........................................................... 29
9.6
Register Map........................................................... 35
10
Application and Implementation........................ 41
10.1
Application Information.......................................... 41
10.2
Typical Applications .............................................. 46
11
Power Supply Recommendations ..................... 56
11.1
Power-Supply Sequencing.................................... 56
11.2
Power-Supply Ramp Rate .................................... 56
11.3
Power-Supply Decoupling..................................... 56
12
Layout................................................................... 57
12.1
Layout Guidelines ................................................. 57
12.2
Layout Example .................................................... 58
13
Device and Documentation Support ................. 59
13.1
Documentation Support ........................................ 59
13.2
Receiving Notification of Documentation Updates 59
13.3
Community Resources.......................................... 59
13.4
Trademarks ........................................................... 59
13.5
Electrostatic Discharge Caution ............................ 59
13.6
Glossary ................................................................ 59
14
Mechanical, Packaging, and Orderable
Information ........................................................... 59
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
May 2017
*
Initial release.


Podobny numer części - ADS122U04IRTET

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS122U04 TI1-ADS122U04 Datasheet
1Mb / 63P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
More results

Podobny opis - ADS122U04IRTET

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS122U04 TI1-ADS122U04 Datasheet
1Mb / 63P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS112U04 TI1-ADS112U04 Datasheet
1Mb / 72P
[Old version datasheet]   16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With UART Interface
ADS122C04 TI1-ADS122C04 Datasheet
1Mb / 64P
[Old version datasheet]   24-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS1219 TI1-ADS1219 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 24-Bit, Delta-Sigma ADC With I2C Interface
ADS112C04 TI1-ADS112C04 Datasheet
1Mb / 72P
[Old version datasheet]   16-Bit, 4-Channel, 2-kSPS, Delta-Sigma ADC With I2C Interface
ADS1119 TI1-ADS1119 Datasheet
1Mb / 51P
[Old version datasheet]   4-Channel, 1-kSPS, 16-Bit, Delta-Sigma ADC With I2C Interface
logo
Analog Devices
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
   24-Bit Sigma-Delta ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com