Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP116AIDRVR Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części TMP116AIDRVR
Szczegółowy opis  High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TMP116AIDRVR Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TMP116AIDRVR Datasheet HTML 4Page - Texas Instruments TMP116AIDRVR Datasheet HTML 5Page - Texas Instruments TMP116AIDRVR Datasheet HTML 6Page - Texas Instruments TMP116AIDRVR Datasheet HTML 7Page - Texas Instruments TMP116AIDRVR Datasheet HTML 8Page - Texas Instruments TMP116AIDRVR Datasheet HTML 9Page - Texas Instruments TMP116AIDRVR Datasheet HTML 10Page - Texas Instruments TMP116AIDRVR Datasheet HTML 11Page - Texas Instruments TMP116AIDRVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Supply Voltage (V)
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
+125qC
+25qC
-50qC
Temperature ( C)
°
-55
-25
5
35
65
95
125
150
-5
-4
-3
-2
-1
0
1
2
3
4
5
1.9 V
3.3 V
5.5 V
Supply Voltage (V)
1.3
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
5.8
6.3
6.8
60
80
100
120
140
160
180
200
150qC
125qC
100qC
25qC
0qC
-50qC
Bus Frequency (MHz)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0
10
20
30
40
50
60
70
80
90
100
110
5.5 V
3.3 V
1.9 V
0
1
2
3
4
5
6
7
8
9
10
–50
–25
0
25
50
75
100
125
Temperature ( C)
°
3.3 V
1.9 V
5.5 V
0
1
2
3
4
5
6
7
8
9
10
–50
–25
0
25
50
75
100
125
Temperature ( C)
°
5.5 V
3.3 V
1.9 V
8
TMP116, TMP116N
SBOS740 – MAY 2017
www.ti.com
Product Folder Links: TMP116 TMP116N
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, V+ = 3.3 V, and measurement taken in oil bath (unless otherwise noted)
Serial bus inactive
Figure 8. Quiescent Current in Shutdown Mode
Serial bus inactive
Figure 9. Quiescent Current in Standby Mode
Continuous conversion mode, serial bus inactive
Figure 10. Quiescent Current During Active Conversion
SCL, SDA, ADD0 pins are constantly clocked
Figure 11. Quiescent Current in Shutdown Mode
Serial bus inactive
Figure 12. Power Consumption During Active Conversion
Normalized to 25°C and V+ = 3.3 V
Figure 13. Active Conversion Time vs Temperature


Podobny numer części - TMP116AIDRVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP116 TI1-TMP116 Datasheet
1Mb / 48P
[Old version datasheet]   TMP119 Ultra-High Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
JANUARY 2024
TMP116N TI1-TMP116N Datasheet
1Mb / 48P
[Old version datasheet]   TMP119 Ultra-High Accuracy, Low-Power, Digital Temperature Sensor With SMBus™- and I2C-Compatible Interface
JANUARY 2024
More results

Podobny opis - TMP116AIDRVR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP117 TI1-TMP117 Datasheet
1Mb / 41P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117 TI1-TMP117_18 Datasheet
1Mb / 45P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP117_1903 TI1-TMP117_1903 Datasheet
1Mb / 51P
[Old version datasheet]   high-accuracy, low-power, digital temperature sensor with SMBus- and I2C-compatible interface
TMP117 TI1-TMP117_19 Datasheet
1Mb / 49P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus- and I2C-Compatible Interface
TMP112 TI-TMP112 Datasheet
539Kb / 24P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI-TMP112_1 Datasheet
625Kb / 25P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus??Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_15 Datasheet
988Kb / 35P
[Old version datasheet]   TMP112 High-Accuracy, Low-Power, Digital Temperature Sensor With SMBus and Two-Wire Serial Interface in SOT563
TMP112 TI1-TMP112_18 Datasheet
982Kb / 32P
[Old version datasheet]   High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
TMP101NA-250G4 TI-TMP101NA-250G4 Datasheet
819Kb / 19P
[Old version datasheet]   Digital Temperature Sensor with I2C Interface
TMP101-Q1 TI1-TMP101-Q1 Datasheet
312Kb / 19P
[Old version datasheet]   DIGITAL TEMPERATURE SENSOR WITH I2C INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com