Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA12374 Arkusz danych(PDF) 1 Page - Cree, Inc

Numer części CA12374
Szczegółowy opis  Tina series
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CREE [Cree, Inc]
Strona internetowa  http://www.cree.com/
Logo CREE - Cree, Inc

CA12374 Arkusz danych(HTML) 1 Page - Cree, Inc

  CA12374 Datasheet HTML 1Page - Cree, Inc CA12374 Datasheet HTML 2Page - Cree, Inc CA12374 Datasheet HTML 3Page - Cree, Inc CA12374 Datasheet HTML 4Page - Cree, Inc CA12374 Datasheet HTML 5Page - Cree, Inc CA12374 Datasheet HTML 6Page - Cree, Inc CA12374 Datasheet HTML 7Page - Cree, Inc CA12374 Datasheet HTML 8Page - Cree, Inc CA12374 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
PRODUCT DATASHEET
Tina series
last update 1/2/2016
DETAILS
Product Number
CA12374_TINA2-RS
Family
Tina
Type
Assembly
Color
black
Diameter
16 mm
Height
9,5 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
tape, pin
Status
production ready
ROHS Comliant
Yes
Date Updated
1/02/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XB-H
17 deg
Real spot
86 %
8.700
-
XQ-E HI
9 deg
Real spot
81 %
25.000
-
LUXEON TX
15 deg
Real spot
89 %
9.860
-
LUXEON C
sim: 11
Real spot
sim: 92 % sim: 14.000 -
NWSx229A
25 deg
Real spot
86 %
3.600
-
NVSxx19B/NVSxx19C
18 deg
Real spot
88 %
7.000
-
Oslon SSL 80
10 deg
Real spot
88 %
16.000
-
Oslon SSL 150
11 deg
Real spot
90 %
19.500
-
Oslon Square PC
12 deg
Real spot
88 %
9.210
-
SFH 4715S
14 deg
Real spot
-
-
-
Oslon Square EC
13 deg
Real spot
88 %
9.300
-
SFH 4716S
11 deg
Real spot
-
-
-
SFH 4770S
sim: 16
Real spot
sim: 87 % sim: 9.200 -
Synios P2720 1 mm
sim: 10
Real spot
sim: 92 % sim: 20.340 -
Synios P2720 1/2 mm
sim: 9
Real spot
sim: 92 % sim: 24.030 -
Synios P2720 1/4 mm
sim: 8
Real spot
sim: 92 % sim: 27.470 -
Oslon Black Flat
sim: 8,6
Real spot
sim: 92 % sim: 32.400 -
June 9th 2017 4:56 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Podobny numer części - CA12374

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ledil, Inc.
CA12374 LEDIL-CA12374 Datasheet
4Mb / 9P
   ~14째 spot beam. Assembly with holder and installation tape.
CA12374 LEDIL-CA12374_18 Datasheet
4Mb / 9P
   ~14째 spot beam. Assembly with holder and installation tape.
More results

Podobny opis - CA12374

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
FA11019 CREE-FA11019 Datasheet
348Kb / 6P
   Tina series
FA11826 CREE-FA11826 Datasheet
1Mb / 24P
   Tina series
FA11205 CREE-FA11205 Datasheet
453Kb / 11P
   Tina series
FA11208 CREE-FA11208 Datasheet
645Kb / 15P
   Tina series
CA11173 CREE-CA11173 Datasheet
409Kb / 7P
   Tina series
CP12682 CREE-CP12682 Datasheet
151Kb / 3P
   Tina series
CA13044 CREE-CA13044 Datasheet
595Kb / 9P
   Tina series
CA11420 CREE-CA11420 Datasheet
971Kb / 13P
   Tina series
FA10642 CREE-FA10642 Datasheet
339Kb / 6P
   Tina series
CA12377 CREE-CA12377 Datasheet
1Mb / 23P
   Tina series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com