Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SS18 Arkusz danych(PDF) 2 Page - HY ELECTRONIC CORP.

Numer części SS18
Szczegółowy opis  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HY [HY ELECTRONIC CORP.]
Strona internetowa  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SS18 Arkusz danych(HTML) 2 Page - HY ELECTRONIC CORP.

  SS18 Datasheet HTML 1Page - HY ELECTRONIC CORP. SS18 Datasheet HTML 2Page - HY ELECTRONIC CORP. SS18 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERTIC CURVES
SS12 thru SS110
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
Rev. 7, 16-Mar-2017
0.1
1000
100
10
1.0
4.0
10.0
100
FIG.5-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
100
10
1.0
0.1
0.01
0.001
0
20
40
60
80
100
120
140
TJ=125
TJ=25
TJ=100
REVERSE VOLTAGE,(VOLTS)
FIG.4-TYPICAL JUNCTION CAPACITANCE
TJ=25f=1MHZ
LEAD TEMPERATURE ℃
FIG. 1 - FORWARD CURRENT DERATING CURVE
25
50
75
100
125
150
175
1.00
0.75
0.50
0.25
0
SINGLE PHASE
HALF WAVE 60Hz
RESISTIVE OR
INDUCTIVE LOAD
FIG. 2 – MAXIMUM NON-REPETITIVE SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
40
30
20
10
0
100
50
20
10
12
5
PULSE WIDTH 8.3mS
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.3-TYPICAL FORWARD CHARACTERISTICS
0
0.1
0.3
0.5
0.7
1.1
1.5
1.3
0.9
1.7
100
10
0.1
1.0
SS18-SS110
SS12-SS14
SS15-SS16
TJ = 25°C
PULSE WIDTH 300us
1% DUTY CYCLE


Podobny numer części - SS18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
SS18 KEXIN-SS18 Datasheet
900Kb / 2P
   Schottky Diodes
logo
Pan Jit International I...
SS18 PANJIT-SS18 Datasheet
66Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Suntan Capacitors
SS18 SUNTAN-SS18 Datasheet
186Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
MIC GROUP RECTIFIERS
SS18 MIC-SS18 Datasheet
99Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Leiditech Elec...
SS18 LEIDITECH-SS18 Datasheet
1Mb / 2P
   Schottkyre ctifier
More results

Podobny opis - SS18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com