Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL14661 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części TL14661
Szczegółowy opis  HIGH SPEED / PRECISION SIX CHANNEL SWITCHING REGULATOR CONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TL14661 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TL14661 Datasheet HTML 4Page - Texas Instruments TL14661 Datasheet HTML 5Page - Texas Instruments TL14661 Datasheet HTML 6Page - Texas Instruments TL14661 Datasheet HTML 7Page - Texas Instruments TL14661 Datasheet HTML 8Page - Texas Instruments TL14661 Datasheet HTML 9Page - Texas Instruments TL14661 Datasheet HTML 10Page - Texas Instruments TL14661 Datasheet HTML 11Page - Texas Instruments TL14661 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TL1466I
HIGHSPEED/PRECISION SIX CHANNEL
SWITCHING REGULATOR CONTROLLER
SLVS262 − FEBRUARY 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC = 6 V,
f = 0.43 MHz (unless otherwise noted) (continued)
error-amplifier section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(t)
Input threshold voltage
VO = 1 V (channel 1, 2, 3, 4)
1.46
1.50
1.54
V
VIO
Input offset current
VO = 1 V (channel 5, 6)
5
40
mV
IIB
Input bias current
VO = 1 V
INV INPUT (pin 11, 16, 19, 33, 36, 39)
−200
−500
nA
IIB
Input bias current
VO = 1 V
INV INPUT (pin 10, 15)
−0.9
−2.5
µA
VICR
Common-mode input voltage range
VCC = 2.5 V to 12 V
0 to
VCC−1
V
A(v)
Open-loop voltage amplification
70
dB
B1
Unity-gain bandwidth
6
MHz
VOM+
Positive output voltage swing
Vref−0.1
V
VOM−
Negative output voltage swing
0.2
V
IOM+
Output sink current
VO = 1 V
0.5
2
mA
IOM−
Output source current
VO = 1 V
Channel 1, 4
−30
−80
µA
IOM−
Output source current
VO = 1 V
Channel 2, 3, 5, 6
−45
−100
µA
output voltage limit section (channel 5, 6)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(tOV)
Input threshold voltage
VI(10, 15 pin) = 1 V
0.95
1
1.05
V
V(BOV)
Input bias current
VI(8 pin) = 1.5 V,
VI(10, 15 pin) = 1 V
−0.7
−2
µA
soft start section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(bss)
Input source current (pin 26)
STANDBY−3 terminal = 2 V
SOFT START terminal = 1 V
−1
−2.5
−4
µA
MOSFET DUTY setting section (channel 1, 4)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
D(MOS)
ON DUTY
V(FB) = 1 V
RDUTY = 5 kΩ
20%
D(MOS)
ON DUTY
V(FB) = 1 V
RDUTY = 25 kΩ
40%
output section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(SINK)
Output sink current
R(BIAS) = 6.8 kΩ
6.3
8.5
10.7
mA
I(SINK)
Output sink current
R(BIAS) = 10 kΩ
4.5
6
7.5
mA
I(GSOURCE)
MOS gate source current
VO(43, 60 pin) = 1 V,
TA = 25°C
−50
mA
I(GSINK)
MOS gate sink current
VO(43, 60 pin) = 2 V,
TA = 25°C
50
mA
I(GOH)
MOS gate high-level output voltage
3.5
4
V
I(GOL)
MOS gate low-level output voltage
0.1
0.3
V
total device
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I(ccs)
Standby supply current
STANDBY terminal = 0 V
1
10
µA
I(cca)
Average supply current
R(T) = 47 kΩ
6
9
mA


Podobny numer części - TL14661

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL1466I TI-TL1466I Datasheet
375Kb / 24P
[Old version datasheet]   HIGH-SPEED/PRECISION SIX CHANNEL SWITCHING REGULATOR CONTROLLER
TL1466IPMR TI-TL1466IPMR Datasheet
375Kb / 24P
[Old version datasheet]   HIGH-SPEED/PRECISION SIX CHANNEL SWITCHING REGULATOR CONTROLLER
TL1466IPMRG4 TI-TL1466IPMRG4 Datasheet
375Kb / 24P
[Old version datasheet]   HIGH-SPEED/PRECISION SIX CHANNEL SWITCHING REGULATOR CONTROLLER
More results

Podobny opis - TL14661

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL1466I TI-TL1466I Datasheet
375Kb / 24P
[Old version datasheet]   HIGH-SPEED/PRECISION SIX CHANNEL SWITCHING REGULATOR CONTROLLER
logo
Sanyo Semicon Device
LV5603T SANYO-LV5603T_08 Datasheet
134Kb / 12P
   Six-Channel Switching Regulator Controller
LV5603T SANYO-LV5603T Datasheet
127Kb / 12P
   Bi-CMOS LSI Six-Channel Switching Regulator Controller
logo
API Technologies Corp
DDF6311 APITECH-DDF6311 Datasheet
1Mb / 1P
   FIVE & SIX CHANNEL HIGH SPEED DRIVERS
DDF5311 APITECH-DDF5311 Datasheet
1Mb / 1P
   FIVE & SIX CHANNEL HIGH SPEED DRIVERS
logo
Advanced Analog Technol...
AAT1104 AAT-AAT1104 Datasheet
360Kb / 11P
   2-CHANNEL SWITCHING REGULATOR CONTROLLER
logo
Sanyo Semicon Device
LV5654T SANYO-LV5654T Datasheet
123Kb / 10P
   4-Channel Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3785A FUJITSU-MB3785A Datasheet
293Kb / 29P
   Switching Regulator Controller (4 Channels plus High-Precision, High-Frequency Capabilities)
logo
Sanyo Semicon Device
LV5652T SANYO-LV5652T Datasheet
682Kb / 10P
   3-channel Switching Regulator Controller
logo
Ceramate Technical
CP9743 CERAMATE-CP9743 Datasheet
131Kb / 5P
   2-Channel Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com