Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CS1808KRX7RCBN103 Arkusz danych(PDF) 9 Page - YAGEO Corporation

Numer części CS1808KRX7RCBN103
Szczegółowy opis  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  YAGEO [YAGEO Corporation]
Strona internetowa  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CS1808KRX7RCBN103 Arkusz danych(HTML) 9 Page - YAGEO Corporation

Back Button CS1808KRX7RCBN103 Datasheet HTML 5Page - YAGEO Corporation CS1808KRX7RCBN103 Datasheet HTML 6Page - YAGEO Corporation CS1808KRX7RCBN103 Datasheet HTML 7Page - YAGEO Corporation CS1808KRX7RCBN103 Datasheet HTML 8Page - YAGEO Corporation CS1808KRX7RCBN103 Datasheet HTML 9Page - YAGEO Corporation CS1808KRX7RCBN103 Datasheet HTML 10Page - YAGEO Corporation CS1808KRX7RCBN103 Datasheet HTML 11Page - YAGEO Corporation CS1808KRX7RCBN103 Datasheet HTML 12Page - YAGEO Corporation CS1808KRX7RCBN103 Datasheet HTML 13Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9
19
NPO & X7R
Soft Termination
16V to 3KV
Surface-Mount Ceramic Multilayer Capacitors
Product specification
www.yageo.com
Jan. 26, 2017 V.3
Table 7 X7R / 0402 to 0805
CAPACITANCE RANGE & THICKNESS
CAP.
0402
0603
0805
16V
25V
50V
100V
16V
25V
50V
100V 250V
16V
25V
50V
100V 250V 500V 630V 1000V
100 pF
CA
CA
CA
CA
DA
DA
DA
DA
DA
150 pF
CA
CA
CA
CA
DA
DA
DA
DA
DA
EA
EA
EA
EA
EB
EB
EB
EB
220 pF
CA
CA
CA
CA
DA
DA
DA
DA
DA
EA
EA
EA
EA
EB
EB
EB
EB
330 pF
CA
CA
CA
CA
DA
DA
DA
DA
DA
EA
EA
EA
EA
EB
EB
EB
EB
470 pF
CA
CA
CA
CA
DA
DA
DA
DA
DA
EA
EA
EA
EA
EB
EB
EB
EB
680 pF
CA
CA
CA
CA
DA
DA
DA
DA
DA
EA
EA
EA
EA
EB
EB
EB
EB
1.0 nF
CA
CA
CA
CA
DA
DA
DA
DA
DA
EA
EA
EA
EA
EB
EB
EB
EB
1.5 nF
CA
CA
CA
CA
DA
DA
DA
DA
DA
EA
EA
EA
EA
EB
EB
EB
2.2 nF
CA
CA
CA
CA
DA
DA
DA
DA
DA
EA
EA
EA
EA
EB
EB
EB
3.3 nF
CA
CA
CA
CA
DA
DA
DA
DA
EA
EA
EA
EA
EB
EB
EB
4.7 nF
CA
CA
CA
CA
DA
DA
DA
DA
EA
EA
EA
EA
EB
EB
EB
6.8 nF
CA
CA
CA
CA
DA
DA
DA
DA
EA
EA
EA
EA
EC
EB
EB
10 nF
CA
CA
CA
CA
DA
DA
DA
DA
EA
EA
EA
EA
EC
EC
EC
15 nF
CA
CA
CA
DA
DA
DA
DA
EA
EA
EA
EB
EC
22 nF
CA
CA
CA
DA
DA
DA
DA
EA
EA
EA
EB
EC
33 nF
CA
CA
CA
DA
DA
DA
DA
EB
EB
EB
EC
47 nF
CA
CA
CA
DA
DA
DA
DA
EB
EB
EB
EC
68 nF
CA
CA
DA
DA
DA
DA
EB
EB
EB
EC
100 nF
CA
CA
DA
DA
DA
DA
EB
EB
EB
EC
150 nF
DA
DA
DA
EC
EC
EC
220 nF
DA
DA
DA
EC
EC
EC
330 nF
DA
DA
EC
EC
EC
470 nF
DA
DA
EC
EC
EC
680 nF
DA
EC
EC
EC
1000 nF
DA
DB
EC
EC
EC
2.2 µF
EC
4.7 µF
ED
Tape width
8 mm
NOTE
1. Values in shaded cells indicate thickness class in mm
2. Capacitance value of non E-6 series is on request
3. For product with 5% tolerance, please contact local sales force before ordering


Podobny numer części - CS1808KRX7RCBN103

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS181002-CQ CIRRUS-CS181002-CQ Datasheet
679Kb / 54P
   Digital Audio Networking Processor
CS181002-CQ/A1 CIRRUS-CS181002-CQ/A1 Datasheet
679Kb / 54P
   Digital Audio Networking Processor
CS181002-CQ/A1 CIRRUS-CS181002-CQ/A1 Datasheet
679Kb / 54P
   Digital Audio Networking Processor
CS181002-CQZ CIRRUS-CS181002-CQZ Datasheet
679Kb / 54P
   Digital Audio Networking Processor
CS181002-CQZ/A1 CIRRUS-CS181002-CQZ/A1 Datasheet
679Kb / 54P
   Digital Audio Networking Processor
More results

Podobny opis - CS1808KRX7RCBN103

ProducentNumer częściArkusz danychSzczegółowy opis
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com