Zakładka z wyszukiwarką danych komponentów |
|
CS1206MKX7RCBN103 Arkusz danych(PDF) 9 Page - YAGEO Corporation |
|
CS1206MKX7RCBN103 Arkusz danych(HTML) 9 Page - YAGEO Corporation |
9 / 19 page 9 19 NPO & X7R Soft Termination 16V to 3KV Surface-Mount Ceramic Multilayer Capacitors Product specification www.yageo.com Jan. 26, 2017 V.3 Table 7 X7R / 0402 to 0805 CAPACITANCE RANGE & THICKNESS CAP. 0402 0603 0805 16V 25V 50V 100V 16V 25V 50V 100V 250V 16V 25V 50V 100V 250V 500V 630V 1000V 100 pF CA CA CA CA DA DA DA DA DA 150 pF CA CA CA CA DA DA DA DA DA EA EA EA EA EB EB EB EB 220 pF CA CA CA CA DA DA DA DA DA EA EA EA EA EB EB EB EB 330 pF CA CA CA CA DA DA DA DA DA EA EA EA EA EB EB EB EB 470 pF CA CA CA CA DA DA DA DA DA EA EA EA EA EB EB EB EB 680 pF CA CA CA CA DA DA DA DA DA EA EA EA EA EB EB EB EB 1.0 nF CA CA CA CA DA DA DA DA DA EA EA EA EA EB EB EB EB 1.5 nF CA CA CA CA DA DA DA DA DA EA EA EA EA EB EB EB 2.2 nF CA CA CA CA DA DA DA DA DA EA EA EA EA EB EB EB 3.3 nF CA CA CA CA DA DA DA DA EA EA EA EA EB EB EB 4.7 nF CA CA CA CA DA DA DA DA EA EA EA EA EB EB EB 6.8 nF CA CA CA CA DA DA DA DA EA EA EA EA EC EB EB 10 nF CA CA CA CA DA DA DA DA EA EA EA EA EC EC EC 15 nF CA CA CA DA DA DA DA EA EA EA EB EC 22 nF CA CA CA DA DA DA DA EA EA EA EB EC 33 nF CA CA CA DA DA DA DA EB EB EB EC 47 nF CA CA CA DA DA DA DA EB EB EB EC 68 nF CA CA DA DA DA DA EB EB EB EC 100 nF CA CA DA DA DA DA EB EB EB EC 150 nF DA DA DA EC EC EC 220 nF DA DA DA EC EC EC 330 nF DA DA EC EC EC 470 nF DA DA EC EC EC 680 nF DA EC EC EC 1000 nF DA DB EC EC EC 2.2 µF EC 4.7 µF ED Tape width 8 mm NOTE 1. Values in shaded cells indicate thickness class in mm 2. Capacitance value of non E-6 series is on request 3. For product with 5% tolerance, please contact local sales force before ordering |
Podobny numer części - CS1206MKX7RCBN103 |
|
Podobny opis - CS1206MKX7RCBN103 |