Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS8308500CGL Arkusz danych(PDF) 1 Page - ATMEL Corporation

Numer części TS8308500CGL
Szczegółowy opis  ADC 8-bit 500 Msps
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS8308500CGL Arkusz danych(HTML) 1 Page - ATMEL Corporation

  TS8308500CGL Datasheet HTML 1Page - ATMEL Corporation TS8308500CGL Datasheet HTML 2Page - ATMEL Corporation TS8308500CGL Datasheet HTML 3Page - ATMEL Corporation TS8308500CGL Datasheet HTML 4Page - ATMEL Corporation TS8308500CGL Datasheet HTML 5Page - ATMEL Corporation TS8308500CGL Datasheet HTML 6Page - ATMEL Corporation TS8308500CGL Datasheet HTML 7Page - ATMEL Corporation TS8308500CGL Datasheet HTML 8Page - ATMEL Corporation TS8308500CGL Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
1
2193A–BDC–06/03
Main Features
8-bit Resolution
500 Msps (min) Sampling Rate
Power Consumption: 3.8W Typ
500 mVpp Differential or Single-ended Analog Inputs
Differential or Single-ended 50
Ω ECL Compatible Clock Inputs
ECL or LVDS/HSTL Output Compatibility
ADC Gain Adjust
Data Ready Output with Asynchronous Reset
Gray or Binary Selectable Output Data; NRZ Output Mode
Enhanced CBGA Package with Ceramic Lid
Evaluation Board: TSEV8308500GL (Detailed Specification on Request)
Demultiplexer TS81102G0: Companion Device Available
Performance
1.3 GHz Full Power Input Bandwidth
Band Flatness: 0.5 dB up to 500 MHz
SINAD = 45 dB (7.2 Effective Bits), SFDR = 54 dBc
at F
S = 500 Msps, FIN = 20 MHz
SINAD = 43 dB (7.1 Effective Bits), SFDR = 53 dBc
at F
S = 500 Msps, FIN = 250 MHz
SINAD = 42 dB (7.0 Effective Bits), SFDR = 52 dBc
at FS = 500 Msps, FIN = 500 MHz (-3 dB FS)
2-tone IMD: TBD (199.5 MHz, 200.5 MHz) at 500 Msps
DNL = ±0.3 LSB INL = ±0.7 LSB
Low Bit Error Rate (10-13) at 500 Msps, Tj = 90
°C
Applications
Digital Sampling Oscilloscopes
Satellite Receiver
Electronic Countermeasures/Electronic Warfare
Direct RF Down-conversion
Screening
Atmel Standard Screening Level
Temperature Range:
–0
°C < Tc; Tj < +90°C
–-40
°C < Tc ; Tj < + 110°C
Description
The TS8308500 is a monolithic 8-bit analog-to-digital converter, designed for digitizing
wide bandwidth analog signals at very high sampling rates of up to 500 Msps.
The TS8308500 is using an innovative architecture, including an on-chip Sample and
Hold (S/H), and is fabricated with an advanced high-speed bipolar process.
The on-chip S/H has a 1.3 GHz full power input bandwidth, providing excellent
dynamic performance in undersampling applications (High IF digitizing).
ADC 8-bit
500 Msps
TS8308500
Rev. 2193A–BDC–04/03


Podobny numer części - TS8308500CGL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TS831 STMICROELECTRONICS-TS831 Datasheet
93Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
TS831 STMICROELECTRONICS-TS831 Datasheet
263Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
TS831-3I STMICROELECTRONICS-TS831-3I Datasheet
93Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
TS831-3ID STMICROELECTRONICS-TS831-3ID Datasheet
93Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
TS831-3IDT STMICROELECTRONICS-TS831-3IDT Datasheet
93Kb / 11P
   MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE LOW
More results

Podobny opis - TS8308500CGL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
AT84AD004 ATMEL-AT84AD004 Datasheet
1,023Kb / 58P
   DUAL 8 BIT 500 MSPS ADC
logo
Texas Instruments
ADS54J54 TI1-ADS54J54 Datasheet
2Mb / 66P
[Old version datasheet]   Quad Channel 14-Bit 500 MSPS ADC
logo
Analog Devices
AD9286 AD-AD9286 Datasheet
646Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9286 AD-AD9286_15 Datasheet
713Kb / 28P
   8-Bit, 500 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
logo
NXP Semiconductors
TDA8757 PHILIPS-TDA8757 Datasheet
895Kb / 37P
   Triple 8-bit ADC 170 Msps
Rev. 07-28 February 2002
logo
Analog Devices
AD4697 AD-AD4697 Datasheet
5Mb / 107P
   16-Bit, 8-Channel, 500 kSPS/1 MSPS, Easy Drive Multiplexed SAR ADC
Rev. 0
logo
Cadeka Microcircuits LL...
CDK1300 CADEKA-CDK1300 Datasheet
2Mb / 12P
   8-bit, 250 MSPS ADC with Demuxed Outputs
logo
Texas Instruments
ADS8028 TI-ADS8028 Datasheet
904Kb / 34P
[Old version datasheet]   12-Bit, 1-MSPS, 8-Channel, SAR ADC
ADS54J66 TI1-ADS54J66 Datasheet
5Mb / 82P
[Old version datasheet]   Quad-Channel, 14-Bit, 500-MSPS ADC with Integrated DDC
logo
Cadeka Microcircuits LL...
SPT7721 CADEKA-SPT7721 Datasheet
192Kb / 11P
   8-BIT, 250 MSPS ADC WITH DEMUXED OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com