Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP-40KDBBBM Arkusz danych(PDF) 1 Page - Delta Electronics, Inc.

Numer części ADP-40KDBBBM
Szczegółowy opis  Over-Voltage/Load/Temperature & Short Circuit protections
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DELTA [Delta Electronics, Inc.]
Strona internetowa  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

ADP-40KDBBBM Arkusz danych(HTML) 1 Page - Delta Electronics, Inc.

  ADP-40KDBBBM Datasheet HTML 1Page - Delta Electronics, Inc. ADP-40KDBBBM Datasheet HTML 2Page - Delta Electronics, Inc. ADP-40KDBBBM Datasheet HTML 3Page - Delta Electronics, Inc. ADP-40KDBBBM Datasheet HTML 4Page - Delta Electronics, Inc. ADP-40KDBBBM Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATASHEET
ADP Series Power Adapters
19V 40W/65W/90W
 
 
 www.DeltaPSU.com (January 2016, Rev. 1.0)  
 1 
ADP 19V
Highlights & Features
Energy Star Compliance (Level VI)
IT safety approvals
100k Hours MTBF
Over-Voltage/Load/Temperature & Short Circuit protections
Low Leakage Current
Safety Standards
 
CB Certified for worldwide use
Model Information
ADP Series Power Adapters
Model Number
Input Voltage Range
Output Voltage
Output Current
ADP-40KD BBBM
90-264Vac
19Vdc
2.1A
ADP-65JH HBAN
90-264Vac
19Vdc
3.42A
ADP-90MD HDM
90-264Vac
19Vdc
4.74A
 
Specifications
Input Ratings / Characteristics
ADP-­‐40KD BBBM 
ADP-­‐65JH HBAN 
ADP-­‐90MD HDM 
Nominal Input Voltage
100-240Vac
Input Voltage Range
90-264Vac
Nominal Input Frequency
50-60Hz
Input Frequency Rang
47-63Hz
Input Current
1.2A Max at 100Vac input
voltage
1.5A Max at 100Vac input voltage
Inrush Current Limit (cold start)
No Damage
Efficiency at nominal input voltage
85%
84%
Active Mode Efficiency @ 115Vac
>88%
Active Mode Efficiency @ 230Vac
>85.30%
>87%
>88%
No Load Power Consumption
<0.1W @ 115Vac/60Hz ,
<0.3W @ 230Vac/50Hz
<0.21W @ 115Vac/60Hz
Leakage Current
<100uA at 240Vac/50Hz
<50uA at 240Vac/50Hz
<75uA at 240Vac/50Hz


Podobny numer części - ADP-40KDBBBM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Delta Electronics, Inc.
ADP-40KDBBBM DELTA-ADP-40KDBBBM Datasheet
461Kb / 5P
   Energy Star Compliance (Level VI)
More results

Podobny opis - ADP-40KDBBBM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Delta Electronics, Inc.
150AAS24-F DELTA-150AAS24-F Datasheet
577Kb / 9P
   Over-Voltage/Load/Temperature & Short Circuit protections
150AAS12-F DELTA-150AAS12-F Datasheet
547Kb / 9P
   Over-Voltage/Load/Temperature & Short Circuit protections
logo
CUI INC
VF-D320-DXXXA-CFS CUI-VF-D320-DXXXA-CFS Datasheet
221Kb / 5P
   over load, over voltage, over temperature, and short circuit protections
VF-D250-DXXA-CF CUI-VF-D250-DXXA-CF Datasheet
497Kb / 5P
   over load, over voltage, over temperature, and short circuit protections
VF-D320-DXXXA CUI-VF-D320-DXXXA Datasheet
226Kb / 5P
   over load, over voltage, over temperature, and short circuit protections
logo
Arch Electronics Corp.
ADF240C ARCH-ADF240C Datasheet
251Kb / 4P
   Protections: Short Circuit / Overload / Over Voltage / Over Temperature
ADF240 ARCH-ADF240 Datasheet
186Kb / 4P
   Protections: Short Circuit / Overload / Over Voltage / Over Temperature
logo
CUI INC
SWI12-SC CUI-SWI12-SC Datasheet
419Kb / 4P
   short circuit, over current, and over voltage protections
SWI15-N CUI-SWI15-N Datasheet
436Kb / 4P
   over voltage, over current, and short circuit protections
SWI15-E CUI-SWI15-E Datasheet
420Kb / 4P
   over voltage, over current, and short circuit protections
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com