Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP3194 Arkusz danych(PDF) 3 Page - Analog Devices

Numer części ADP3194
Szczegółowy opis  6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP3194 Arkusz danych(HTML) 3 Page - Analog Devices

  ADP3194 Datasheet HTML 1Page - Analog Devices ADP3194 Datasheet HTML 2Page - Analog Devices ADP3194 Datasheet HTML 3Page - Analog Devices ADP3194 Datasheet HTML 4Page - Analog Devices ADP3194 Datasheet HTML 5Page - Analog Devices ADP3194 Datasheet HTML 6Page - Analog Devices ADP3194 Datasheet HTML 7Page - Analog Devices ADP3194 Datasheet HTML 8Page - Analog Devices ADP3194 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ADP3194
Rev. 0 | Page 3 of 32
SPECIFICATIONS
VCC = 5 V, FBRTN = GND, TA = 0°C to +85°C, unless otherwise noted.1
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
ERROR AMPLIFIER
Output Voltage Range
VCOMP
0
VCC
V
Accuracy
VFB
Relative to nominal DAC output, referenced
to FBRTN, CSSUM = CSCOMP; VOUT < 1 V
−8.0
+8.0
mV
Accuracy
VFB
Relative to nominal DAC output, referenced
to FBRTN, CSSUM = CSCOMP; VOUT > 1 V
−9 5
+9.5
mV
Line Regulation
ΔV
FB
VCC = 4.75 V to 5 25 V
0.05
%
Input Bias Current
IFB
14
15.5
17
μA
FBRTN Current
IFBRTN
100
140
μA
Output Current
IO(ERR)
FB forced to VOUT – 3%
500
μA
Gain Bandwidth Product
GBW(ERR)
COMP = FB
20
MHz
Slew Rate
CCOMP = 10 pF
25
V/μs
VID INPUTS
Input Low Voltage
VIL(VID)
0.4
V
Input High Voltage
VIH(VID)
0.8
V
Input Current, Input Voltage Low
IIL(VIDX)
VID(X) = 0 V
–25
–35
μA
Input Current, Input Voltage High
IIH(VIDX)
VID(X) = 1.25 V
5
15
μA
Pull-Up Resistance
RVID
35
60
85
Internal Pull-Up Voltage
1.0
1.2
V
VID Transition Delay Time2
VID code change to FB change
400
ns
No CPU Detection Turn-Off Delay Time2
VID code change to 11111 to PWM going low
400
ns
OSCILLATOR
Frequency Range2
fOSC
0.25
4.5
MHz
Frequency Variation
fPHASE
TA = +25°C, RT = 247 kΩ, 4-phase
1.55
2
2.45
MHz
TA = +25°C, RT = 138 kΩ, 4-phase
3
MHz
TA = +25°C, RT = 84 kΩ, 4-phase
4
MHz
Output Voltage
VRT
RT = 100 kΩ to GND
1.8
2.0
2.3
V
RAMPADJ Output Voltage
VRAMPADJ
RAMPADJ – FB
–50
+50
mV
RAMPADJ Input Current Range
IRAMPADJ
0
100
μA
CURRENT SENSE AMPLIFIER
Offset Voltage
VOS(CSA)
CSSUM – CSREF
–1.5
+1.5
mV
Input Bias Current
IBIAS(CSSUM)
–10
+10
nA
Gain Bandwidth Product
GBW(CSA)
10
MHz
Slew Rate
CCSCOMP = 10 pF
10
V/μs
Input Common-Mode Range
CSSUM and CSREF
0
3
V
Positioning Accuracy
ΔV
FB
–77
–80
–83
mV
Output Voltage Range
0.05
VCC
V
Output Current
ICSCOMP
500
μA
CURRENT BALANCE CIRCUIT
Common-Mode Range
VSW(X)CM
–600
+200
mV
Input Resistance
RSW(X)
SW(X) = 0 V
12
20
28
Input Current
ISW(X)
SW(X) = 0 V
5
11
17
μA
Input Current Matching3
ΔI
SW(X)
SW(X) = 0 V
–5
+5
%


Podobny numer części - ADP3194

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3190AJRQZ-RL AD-ADP3190AJRQZ-RL Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3190AJRUZ-RL AD-ADP3190AJRUZ-RL Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3190JRQZ-RL AD-ADP3190JRQZ-RL Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3190JRUZ-RL AD-ADP3190JRUZ-RL Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
More results

Podobny opis - ADP3194

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP3168 AD-ADP3168 Datasheet
947Kb / 24P
   6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. B
ADP3190 AD-ADP3190 Datasheet
832Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3188 AD-ADP3188 Datasheet
956Kb / 28P
   6-Bit Programmable 2-/3-/4-Phase Synchronous Buck Controller
REV. A
ADP3191 AD-ADP3191 Datasheet
842Kb / 28P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
REV. 0
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
ADP3197 AD-ADP3197 Datasheet
689Kb / 32P
   6-Bit Programmable 2-/3-Phase Synchronous Buck Controller
REV. 0
ADP3181 AD-ADP3181 Datasheet
541Kb / 24P
   5-Bit or 6-Bit Programmable 2-,3-,4-Phase Synchronous Buck Controller
REV. A
logo
ON Semiconductor
ADP3196 ONSEMI-ADP3196 Datasheet
364Kb / 18P
   6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
January 2008 ??Rev. 1
logo
Analog Devices
ADP3196 AD-ADP3196 Datasheet
539Kb / 20P
   6-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
REV. 0
ADP3166 AD-ADP3166 Datasheet
351Kb / 20P
   5-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com