Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8332ACP-REEL7 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD8332ACP-REEL7
Szczegółowy opis  Ultralow Noise VGAs with Preamplifier and Programmable RIN
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8332ACP-REEL7 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD8332ACP-REEL7 Datasheet HTML 6Page - Analog Devices AD8332ACP-REEL7 Datasheet HTML 7Page - Analog Devices AD8332ACP-REEL7 Datasheet HTML 8Page - Analog Devices AD8332ACP-REEL7 Datasheet HTML 9Page - Analog Devices AD8332ACP-REEL7 Datasheet HTML 10Page - Analog Devices AD8332ACP-REEL7 Datasheet HTML 11Page - Analog Devices AD8332ACP-REEL7 Datasheet HTML 12Page - Analog Devices AD8332ACP-REEL7 Datasheet HTML 13Page - Analog Devices AD8332ACP-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD8331/AD8332
Rev. C | Page 10 of 32
500
0
0.4
VGAIN (V)
1.0
0.6
300
0
100
400
200
0.2
0.8
HILO = HI
f = 10MHz
HILO = LO
Figure 21. Output-Referred Noise vs. VGAIN
1M
10M
0
100M
100k
FREQUENCY (Hz)
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
RS = 0, RFB = ∞, VGAIN = 1V
HILO = LO OR HI
Figure 22. Short-Circuit Input-Referred Noise vs. Frequency
1
0
0.4
VGAIN (V)
1.0
0.6
0.1
100
10
0.2
0.8
RS = 0, RFB = ∞,
HILO = LO OR HI, f = 10MHz
Figure 23. Short-Circuit Input-Referred Noise vs. VGAIN
90
TEMPERATURE (
°C)
10
–30
–50
–10
70
50
30
0.50
1.00
0.95
0.90
0.85
0.80
0.75
0.70
0.65
0.60
0.55
RS = 0, RFB = ∞,
VGAIN = 1V, f = 10MHz
Figure 24. Short-Circuit Input-Referred Noise vs. Temperature
110
1.0
0.1
100
1k
SOURCE RESISTANCE (
Ω)
10
RS = THERMAL NOISE ALONE
f = 5MHz, RFB = ∞, VGAIN = 1V
Figure 25. Input-Referred Noise vs. RS
5
6
7
4
2
1
3
0
100
50
1k
75
200
SOURCE RESISTANCE (
Ω)
RIN = 50Ω
RFB = ∞
INCLUDES NOISE OF VGA
SIMULATION
100
Figure 26. Noise Figure vs. RS for Various Values of RIN


Podobny numer części - AD8332ACP-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8332ACP-REEL7 AD-AD8332ACP-REEL7 Datasheet
606Kb / 28P
   Dual VGA with Ultralow Noise Preamplifier and Programmable RIN
REV. 0
AD8332ACP-REEL7 AD-AD8332ACP-REEL7 Datasheet
867Kb / 40P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. E
AD8332ACP-REEL7 AD-AD8332ACP-REEL7 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. G
More results

Podobny opis - AD8332ACP-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8331 AD-AD8331_06 Datasheet
867Kb / 40P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. E
AD8331 AD-AD8331_10 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. G
AD8332 AD-AD8332_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8331 AD-AD8331_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8334 AD-AD8334_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8332 AD-AD8332 Datasheet
606Kb / 28P
   Dual VGA with Ultralow Noise Preamplifier and Programmable RIN
REV. 0
ADRF6520 AD-ADRF6520 Datasheet
1Mb / 29P
   Dual Programmable Filters and VGAs
ADL5336 AD-ADL5336_18 Datasheet
1Mb / 30P
   Cascadable IF VGAs with Programmable RMS Detectors
SSM2165 AD-SSM2165_15 Datasheet
338Kb / 12P
   Microphone Preamplifier with Variable Compression and Noise Gating
SSM2166 AD-SSM2166_08 Datasheet
549Kb / 20P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com