Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC3403VQR Arkusz danych(PDF) 3 Page - Microchip Technology

Numer części TC3403VQR
Szczegółowy opis  1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor and Microprocessor Reset Circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC3403VQR Arkusz danych(HTML) 3 Page - Microchip Technology

  TC3403VQR Datasheet HTML 1Page - Microchip Technology TC3403VQR Datasheet HTML 2Page - Microchip Technology TC3403VQR Datasheet HTML 3Page - Microchip Technology TC3403VQR Datasheet HTML 4Page - Microchip Technology TC3403VQR Datasheet HTML 5Page - Microchip Technology TC3403VQR Datasheet HTML 6Page - Microchip Technology TC3403VQR Datasheet HTML 7Page - Microchip Technology TC3403VQR Datasheet HTML 8Page - Microchip Technology TC3403VQR Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21412B-page 3
TC3403
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage ..................................................... 6.0V
Voltage on Pins:
PFO, RESET .......................... (GND – 0.3V) to 5.5V
Input Voltage (All Other Pins):
.................................. (GND – 0.3V) to (VDD +0.3V)
Operating Temperature Range ................. 0°C to 85°C
Storage Temperature ........................ -65°C to +150°C
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC3403 DC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: TA = 25°C and VDD = 2.7V, unless otherwise specified. Boldface type specifications apply for
temperatures of 0°C to 85°C. VREF = 1.25V, Internal Clock Frequency = 520kHz.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Power Supply
VDD
Supply Voltage
1.8
5.5
V
IDD
Supply Current, During Data Conversion
280
µA
IDDSLEEP
Supply Current, Sleep Mode
93
115
µAT
A =+25°C
106
120
µA
Accuracy (Differential Inputs)
RES
Resolution
16
Bits
INL
Integral Non-Linearity
.0038
%FSR
VDD =2.7V
VOS
Offset Error
±0.9
%FSR
IN+, IN- = 0V
VNOISE
Referred to input
60
µVrms
CMR
Common Mode Rejection
75
dB
At DC
FSE
Full Scale Error
0.4%
%FS
PSRR
Power Supply Rejection Ratio
75
dB
VDD =2.5V to3.5V
INn
VIN
Input Voltage
VDD
V
Note 1
Absolute Voltage Range on INn
GND
VDD
V
Input Bias Current
1
100
nA
CIN
Input Sampling Capacitance
2
pF
RIN
Differential Input Resistance
2.0
M
Note 2
REFIN, REFOUT
VREF
REFIN Voltage Range
0
1.25
V
IREF
REFIN Input Current
1
µA
VREFOUT
REFOUT Voltage
1.193
V
REFSINK
REFOUT Current Sink Capability
10
µA
REFSRC
REFOUT Current Source Capability
300
µA
Note
1:
Differential input voltage defined as (VIN+–VIN-).
2:
Resistance from INn+ to INn- or INn to GND.
3:
@VDD =1.8V, ISOURCE ≤ 200µA.


Podobny numer części - TC3403VQR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC3403VQR MICROCHIP-TC3403VQR Datasheet
308Kb / 16P
   1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor and Microprocessor Reset Circuit
2005
More results

Podobny opis - TC3403VQR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC3403 MICROCHIP-TC3403_05 Datasheet
308Kb / 16P
   1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor and Microprocessor Reset Circuit
2005
TC3404 MICROCHIP-TC3404 Datasheet
451Kb / 16P
   1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
2002
TC3404 MICROCHIP-TC3404_05 Datasheet
305Kb / 16P
   1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor
2005
TC3400 MICROCHIP-TC3400 Datasheet
437Kb / 16P
   1.8V, Low Power, 16-Bit Sigma-Delta A/D Converter
2002
TC3402 MICROCHIP-TC3402 Datasheet
444Kb / 16P
   1.8 Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter
2002
TC3405 MICROCHIP-TC3405 Datasheet
453Kb / 16P
   16-Bit, Low Cost, Low Power Sigma-Delta A/D Converter
2002
TC3401 MICROCHIP-TC3401 Datasheet
458Kb / 16P
   16-Bit Low Cost, Low Power Sigma-Delta A/D Converter
2002
logo
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
logo
Intersil Corporation
HI7191 INTERSIL-HI7191 Datasheet
187Kb / 24P
   24-Bit, High Precision, Sigma Delta A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16